Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-AD5445EBZ Datasheet(PDF) 20 Page - Analog Devices

Part # EVAL-AD5445EBZ
Description  8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5445EBZ Datasheet(HTML) 20 Page - Analog Devices

Back Button EVAL-AD5445EBZ Datasheet HTML 16Page - Analog Devices EVAL-AD5445EBZ Datasheet HTML 17Page - Analog Devices EVAL-AD5445EBZ Datasheet HTML 18Page - Analog Devices EVAL-AD5445EBZ Datasheet HTML 19Page - Analog Devices EVAL-AD5445EBZ Datasheet HTML 20Page - Analog Devices EVAL-AD5445EBZ Datasheet HTML 21Page - Analog Devices EVAL-AD5445EBZ Datasheet HTML 22Page - Analog Devices EVAL-AD5445EBZ Datasheet HTML 23Page - Analog Devices EVAL-AD5445EBZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
AD5424/AD5433/AD5445
Rev. B | Page 20 of 32
ADDING GAIN
As D is reduced, the output voltage increases. For small values
of D, it is important to ensure that the amplifier does not
saturate and that the required accuracy is met.
In applications where the output voltage is required to be
greater than VIN, gain can be added with an additional external
amplifier or it can be achieved in a single stage. It is important
to consider the effect of the temperature coefficients of the thin
film resistors of the DAC. Simply placing a resistor in series
with the RFB resistor causes mismatches in the temperature
coefficients and results in larger gain temperature coefficient
errors. Instead, the circuit shown in Figure 54 is a
recommended method of increasing the gain of the circuit. R1,
R2, and R3 should have similar temperature coefficients, but
they need not match the temperature coefficients of the DAC.
This approach is recommended in circuits where gains greater
than 1 are required.
For example, in the circuit shown in Figure 55, an 8-bit DAC
driven with the binary code 0x10 (00010000), that is,
16 decimal, should cause the output voltage to be 16 × VIN.
However, if the DAC has a linearity specification of ±0.5 LSB,
then D can in fact have a weight anywhere in the range 15.5/256
to 16.5/256 so that the possible output voltage falls in the range
15.5 VIN to 16.5 VIN—an error of 3% even though the DAC itself
has a maximum error of 0.2%.
GND
RFB
VDD
VDD
VOUT
VREF
VIN
NOTE:
ADDITIONAL PINS OMITTED FOR CLARITY
IOUT1
IOUT2
8-/10-/12-BIT
DAC
GND
VDD
RFB
VDD
VOUT
VREF
VIN
ADDITIONAL PINS OMITTED FOR CLARITY
C1 PHASE COMPENSATION (1pF TO 2pF) MAY BE
REQUIRED IF A1 IS A HIGH SPEED AMPLIFIER.
NOTES:
1.
2.
C1
R1
IOUT1
IOUT2
R1 =
GAIN =
R2 + R3
R2
R3
R2
R2R3
R2 + R3
Figure 55. Current-Steering DAC Used as a Divider or
Programmable Gain Element
DAC leakage current is also a potential error source in divider
circuits. The leakage current must be counterbalanced by an
opposite current supplied from the op amp through the DAC.
Since only a fraction, D, of the current into the VREF terminal is
routed to the IOUT1 terminal, the output voltage has to change
as follows:
Figure 54. Increasing the Gain of the Current Output DAC
DACS USED AS A DIVIDER OR PROGRAMMABLE
GAIN ELEMENT
Current steering DACs are very flexible and lend themselves to
many different applications. If this type of DAC is connected as
the feedback element of an op amp and RFB is used as the input
resistor, as shown in Figure 55, then the output voltage is
inversely proportional to the digital input fraction, D.
Output Error Voltage due to DAC Leakage = (Leakage × R)/D
where R is the DAC resistance at the VREF terminal.
For a DAC leakage current of 10 nA, R = 10 kΩ, and a gain
(that is, 1/D) of 16, the error voltage is 1.6 mV.
For D = 1 – 2–n the output voltage is
VOUT = –VIN/D = –VIN/(1 – 2–n)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com