Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT25DF641A Datasheet(PDF) 23 Page - ATMEL Corporation

Part # AT25DF641A
Description  64-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF641A Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button AT25DF641A Datasheet HTML 19Page - ATMEL Corporation AT25DF641A Datasheet HTML 20Page - ATMEL Corporation AT25DF641A Datasheet HTML 21Page - ATMEL Corporation AT25DF641A Datasheet HTML 22Page - ATMEL Corporation AT25DF641A Datasheet HTML 23Page - ATMEL Corporation AT25DF641A Datasheet HTML 24Page - ATMEL Corporation AT25DF641A Datasheet HTML 25Page - ATMEL Corporation AT25DF641A Datasheet HTML 26Page - ATMEL Corporation AT25DF641A Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 57 page
background image
23
8693A–DFLASH–8/10
Atmel AT25DF641A [Preliminary]
As a safeguard against accidental or erroneous locking or unlocking of sectors, the Sector Pro-
tection Registers can themselves be locked from updates by using the SPRL (Sector Protection
Registers Locked) bit of the Status Register (please refer to the Status Register description for
more details). If the Sector Protection Registers are locked, then any attempts to issue the
Unprotect Sector command will be ignored, and the device will reset the WEL bit in the Status
Register back to a logical “0” and return to the idle state once the CS pin has been deasserted.
Figure 9-4.
Unprotect Sector
9.5
Global Protect/Unprotect
The Global Protect and Global Unprotect features can work in conjunction with the Protect Sec-
tor and Unprotect Sector functions. For example, a system can globally protect the entire
memory array and then use the Unprotect Sector command to individually unprotect certain sec-
tors and individually reprotect them later by using the Protect Sector command. Likewise, a
system can globally unprotect the entire memory array and then individually protect certain sec-
tors as needed.
Performing a Global Protect or Global Unprotect is accomplished by writing a certain combina-
tion of data to the Status Register using the Write Status Register Byte 1 command (see “Write
Status Register Byte 1” on page 38 for command execution details). The Write Status Register
command is also used to modify the SPRL (Sector Protection Registers Locked) bit to control
hardware and software locking.
To perform a Global Protect, the appropriate WP pin and SPRL conditions must be met, and the
system must write a logical “1” to bits five, four, three, and two of the first byte of the Status Reg-
ister. Conversely, to perform a Global Unprotect, the same WP and SPRL conditions must be
met but the system must write a logical “0” to bits five, four, three, and two of the first byte of the
Status Register. Table 9-2 details the conditions necessary for a Global Protect or Global Unpro-
tect to be performed.
Sectors that have been erase or program suspended must remain in the unprotected state. If a
Global Protect operation is attempted while a sector is erase or program suspended, the protec-
tion operation will abort, the protection states of all sectors in the Flash memory array will not
change, and WEL bit in the Status Register will be reset back to a logical “0”.
SCK
CS
SI
SO
MSB
MSB
23
1
0
00111001
67
5
410 11
9
812
31
29 30
27 28
26
OPCODE
AAAA
AAA
A A
A A A
ADDRESS BITS A23-A0
HIGH-IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com