Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT25DF641A Datasheet(PDF) 50 Page - ATMEL Corporation

Part # AT25DF641A
Description  64-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF641A Datasheet(HTML) 50 Page - ATMEL Corporation

Back Button AT25DF641A Datasheet HTML 46Page - ATMEL Corporation AT25DF641A Datasheet HTML 47Page - ATMEL Corporation AT25DF641A Datasheet HTML 48Page - ATMEL Corporation AT25DF641A Datasheet HTML 49Page - ATMEL Corporation AT25DF641A Datasheet HTML 50Page - ATMEL Corporation AT25DF641A Datasheet HTML 51Page - ATMEL Corporation AT25DF641A Datasheet HTML 52Page - ATMEL Corporation AT25DF641A Datasheet HTML 53Page - ATMEL Corporation AT25DF641A Datasheet HTML 54Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 57 page
background image
50
8693A–DFLASH–8/10
Atmel AT25DF641A [Preliminary]
15. AC Waveforms
Figure 15-1. Serial Input Timing
Figure 15-2. Serial Output Timing
Figure 15-3. WP Timing for Write Status Register Byte 1 Command When SPRL = 1
CS
SI
SCK
SO
MSB
HIGH-IMPEDANCE
MSB
LSB
tCSLS
tCLKH
tCLKL
tCSHS
tCSHH
tDS
tDH
tCSLH
tCSH
CS
SI
SCK
SO
tV
tCLKH
tCLKL
tDIS
tV
tOH
WP
SI
SCK
SO
00
0
HIGH-IMPEDANCE
MSB
X
tWPS
tWPH
CS
LSB OF
WRITE STATUS REGISTER
DATA BYTE
MSB OF
WRITE STATUS REGISTER
BYTE 1 OPCODE
MSB OF
NEXT OPCODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com