Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VDD181SCNA Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # VDD181SCNA
Description  CMOS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VDD181SCNA Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  VDD181SCNA Datasheet HTML 1Page - List of Unclassifed Manufacturers VDD181SCNA Datasheet HTML 2Page - List of Unclassifed Manufacturers VDD181SCNA Datasheet HTML 3Page - List of Unclassifed Manufacturers VDD181SCNA Datasheet HTML 4Page - List of Unclassifed Manufacturers VDD181SCNA Datasheet HTML 5Page - List of Unclassifed Manufacturers VDD181SCNA Datasheet HTML 6Page - List of Unclassifed Manufacturers VDD181SCNA Datasheet HTML 7Page - List of Unclassifed Manufacturers VDD181SCNA Datasheet HTML 8Page - List of Unclassifed Manufacturers VDD181SCNA Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
AnaSem Inc.
2
Rev. C09-09
VDD 系列
低电压
, 低功耗, ±1% 高精度电压检测内置延迟电路 CMOS 电压检测器
.......... Future of the analog world
产品型号定义
PIN脚排位 / IC封装记号 (SOT-23)
Pin脚排位
位置
.
记号
解说
1
VOUT
输出
2
VSS
接地
3
VIN
电压输入
Marking Specification
位置
记号
解说
A
C 或 N
输出模式
BC
18~60
检测电压
D
S, M 或 L
延迟时间选择
E
A
版本
F
厂方设定
生产批号
(顶视图)
VIN
VOUT
1
2
3
A
F
F F F
B C D E
VSS
VDD
18 ~ 60 : 在1.8V ~ 6.0V检测电压范围内以
0.1V间隔设定检测电压
e.g.) 18 : 1.8V
30 : 3.0V
检测电压
延迟时间
S : 10msec~50msec
M : 50msec~200msec
L : 80msec~400msec
A : TOPR = –40°C ~ +85°C
设计版本
T : SOT-23
N : SON-4
IC封装类别
C : CMOS式输出
N : N-沟道式输出
输出形式
电压检测精度
1 : ±1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com