Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VDD181SCNA Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # VDD181SCNA
Description  CMOS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VDD181SCNA Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button VDD181SCNA Datasheet HTML 3Page - List of Unclassifed Manufacturers VDD181SCNA Datasheet HTML 4Page - List of Unclassifed Manufacturers VDD181SCNA Datasheet HTML 5Page - List of Unclassifed Manufacturers VDD181SCNA Datasheet HTML 6Page - List of Unclassifed Manufacturers VDD181SCNA Datasheet HTML 7Page - List of Unclassifed Manufacturers VDD181SCNA Datasheet HTML 8Page - List of Unclassifed Manufacturers VDD181SCNA Datasheet HTML 9Page - List of Unclassifed Manufacturers VDD181SCNA Datasheet HTML 10Page - List of Unclassifed Manufacturers VDD181SCNA Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
AnaSem Inc.
6
Rev. C09-09
VDD 系列
低电压
, 低功耗, ±1% 高精度电压检测内置延迟电路 CMOS 电压检测器
.......... Future of the analog world
测试电路
电路 (2)
– 电流功耗
电路 (1)
– 工作电压,检测电压,滯後现象范围,电压检测温度特征
100KΩ
*1)
VIN
VSS
VOUT
R
VIN
VSS
VOUT
VIN
A
VIN
VSS
VOUT
VIN
A
VDS
VIN
VSS
VOUT
VIN
A
VDS
电路 (4)
– P-沟道驱动输出电流
注
1) :
在
CMOS式输出的产品上电阻(100KΩ)可以省掉
100KΩ
*
1)
VIN
VSS
VOUT
VIN
R
V
V
电路 (5)
– 延迟时间 (VDR→VOUT 反向)
电路 (3)
– N-沟道驱动输出电流
波形型号量度
注
1) :
在
CMOS式输出的产品上电阻 (100KΩ) 可以省掉



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com