Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R2A20118ASP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R2A20118ASP
Description  Critical Conduction Mode Interleaved PFC Control IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20118ASP Datasheet(HTML) 4 Page - Renesas Technology Corp

  R2A20118ASP Datasheet HTML 1Page - Renesas Technology Corp R2A20118ASP Datasheet HTML 2Page - Renesas Technology Corp R2A20118ASP Datasheet HTML 3Page - Renesas Technology Corp R2A20118ASP Datasheet HTML 4Page - Renesas Technology Corp R2A20118ASP Datasheet HTML 5Page - Renesas Technology Corp R2A20118ASP Datasheet HTML 6Page - Renesas Technology Corp R2A20118ASP Datasheet HTML 7Page - Renesas Technology Corp R2A20118ASP Datasheet HTML 8Page - Renesas Technology Corp R2A20118ASP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
R2A20118ASP
Preliminary
R03DS0002EJ0100 Rev.1.00
Page 4 of 9
Jul 14, 2010
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Notes
Supply voltage
VCC
–0.3 to 24
V
GD terminal peak current
Ipk-gd
–300
+1200
mA
3
GD terminal DC current
Idc-gd
–15
+60
mA
ZCD terminal current
Izcd
+3
–3
mA
BO terminal current
Ibom
200
A
RT terminal current
Irt
–200
A
Vref terminal current
Iref
–5
mA
Cref min
1000
pF
Vref terminal capacitor
Cref max
1
F
COMP terminal current
Icomp
1
mA
Vt-group1
–0.3 to Vcc
V
4
Terminal voltage
Vt-group2
–0.3 to Vref
V
5
Vref terminal voltage
Vt-ref
–0.3 to Vref + 0.3
V
OCP terminal voltage
Vt-ocp
*–1 to Vref
V
6
Power dissipation
Pt
1
W
7
Operating junction temperature
Tj-opr
–40 to +150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. Rated voltages are with reference to the GND terminal.
2. For rated currents, inflow to the IC is indicated by (+), and outflow by (–).
3. Shows the transient current when driving a capacitive load.
4. This is the rated voltage for the following pins:
NC
5. This is the rated voltage for the following pins:
FB, OVP2, RT, TL, RAMP-GAIN, SS, RAMP
6. Minus value is peak voltage. Do not impress the DC voltage of the minus.
7.
ja = 120°C/W
This value is a thing mounting on 40
 40 (thickness: 1.6 mm) [mm2],
a glass epoxy board of wiring density 10%.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com