Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R2A20124ASP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R2A20124ASP
Description  Synchronous Phase Shift Full-Bridge Control IC Series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20124ASP Datasheet(HTML) 4 Page - Renesas Technology Corp

  R2A20124ASP Datasheet HTML 1Page - Renesas Technology Corp R2A20124ASP Datasheet HTML 2Page - Renesas Technology Corp R2A20124ASP Datasheet HTML 3Page - Renesas Technology Corp R2A20124ASP Datasheet HTML 4Page - Renesas Technology Corp R2A20124ASP Datasheet HTML 5Page - Renesas Technology Corp R2A20124ASP Datasheet HTML 6Page - Renesas Technology Corp R2A20124ASP Datasheet HTML 7Page - Renesas Technology Corp R2A20124ASP Datasheet HTML 8Page - Renesas Technology Corp R2A20124ASP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
R2A20124AFP/R2A20124ASP
Preliminary
REJ03D0928-0200 Rev.2.00
Page 4 of 12
Aug 03, 2010
Pin Functions
LQFP-40
Pin No.
SOP-20
Pin No.
Pin Name
Input/Output
Pin Function
1
8
DELAY-1
Input/Output
Delay time adjustor for the full-bridge control signal (OUT-A and B)
2
9
DELAY-2
Input/Output
Delay time adjustor for the full-bridge control signal (OUT-C and D)
4
10
DELAY-3
Input/Output
Delay time adjustor for the secondary control signal (OUT-E and F)
5
—
SEC-CONT
Input
Synchronous rectification on/off control
6
—
REMOTE
Input
Remote on/off control
7
11
VREF
Output
5 V/20 mA output
9
12
VCC
Input
IC power supply input
13
13
OUT-F
Output
Secondary control signal
14
14
OUT-E
Output
Secondary control signal
17
15
OUT-D
Output
Full-bridge control signal
18
16
OUT-C
Output
Full-bridge control signal
19
17
OUT-B
Output
Full-bridge control signal
20
18
OUT-A
Output
Full-bridge control signal
22
—
PGND
—
Ground level for the output signal
23
—
SGND
—
Ground level for the small signal
—
19
GND
—
Ground
24
20
RT
Input/Output
Timing resistor for the oscillator
27
1
SYNC
Input/Output
Synchronization I/O for the oscillator
29
2
RAMP-SLP
Input/Output
Ramp sloping adjustor
31
3
RAMP
Input
Ramp waveform set
33
4
CS
Input
Current sense signal input for OCP
34
—
CS-OUT
Output
Current sense information amplifier output
36
5
COMP
Output
Error amplifier output
37
6
FB(–)
Input
Error amplifier negative input
38
7
SS
Output
Timing capacitor for soft start
3, 8,
10 to 12,
15, 16,
21, 25,
26, 28,
30, 32,
35, 39,
40
—
N.C.
—
Open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com