Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R2A20124ASP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R2A20124ASP
Description  Synchronous Phase Shift Full-Bridge Control IC Series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20124ASP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R2A20124ASP Datasheet HTML 3Page - Renesas Technology Corp R2A20124ASP Datasheet HTML 4Page - Renesas Technology Corp R2A20124ASP Datasheet HTML 5Page - Renesas Technology Corp R2A20124ASP Datasheet HTML 6Page - Renesas Technology Corp R2A20124ASP Datasheet HTML 7Page - Renesas Technology Corp R2A20124ASP Datasheet HTML 8Page - Renesas Technology Corp R2A20124ASP Datasheet HTML 9Page - Renesas Technology Corp R2A20124ASP Datasheet HTML 10Page - Renesas Technology Corp R2A20124ASP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
R2A20124AFP/R2A20124ASP
Preliminary
REJ03D0928-0200 Rev.2.00
Page 7 of 12
Aug 03, 2010
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Note
Power supply voltage
Vcc
20
V
1
Peak output current
Ipk-out
200
mA
2, 3
DC output current
Idc-out
50
mA
3, 4
VREF output current
Iref-out
–20
mA
3
COMP sink current
Isink-comp
2
mA
3
DELAY set current
Iset-delay
0.3
mA
3
RT set current
Iset-rt
0.3
mA
3
RAMP-SLP set current
Iset-ramp-slp
0.3
mA
3
VREF terminal voltage
Vter-ref
–0.3 to +6
V
1, 5
Terminal group 1 voltage
Vter-1
–0.3 to (Vref + 0.3)
V
1, 6
Operating junction temperature
Tj-opr
–40 to +125
°C
7
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. Rated voltages are with reference to the GND or SGND pin.
2. The Rating shows the transient current when driving a capacitive load.
3. For rated currents, inflow to the IC is indicated by (+), and outflow by (–).
4. Total current of OUT-A, Out-B, OUT-C, OUT-D, OUT-E, and OUT-F must be not exceed
90 mA.
5. VREF pin voltage must not exceed VCC pin voltage.
6. Terminal group 1 is defined the pins;
REMOTE, RAMP-SLP, SEC-CONT, CS, RAMP, COMP, CS-OUT, FB(–), SS, RT, SYNC, and DELAY-1 to 3
7. Theramal resistance
ja
R2A20124AFP (40-pin); 85.3°C/W Board condition; Glass epoxy 50 mm
 50 mm  1.6 mm, 10% wiring density.
R2A20124ASP (20-pin); 120°C/W Board condition; Glass epoxy 40 mm
 40 mm  1.6 mm, 10% wiring density.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com