Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F2M110ADSP Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # R5F2M110ADSP
Description  RENESAS MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2M110ADSP Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button R5F2M110ADSP Datasheet HTML 32Page - Renesas Technology Corp R5F2M110ADSP Datasheet HTML 33Page - Renesas Technology Corp R5F2M110ADSP Datasheet HTML 34Page - Renesas Technology Corp R5F2M110ADSP Datasheet HTML 35Page - Renesas Technology Corp R5F2M110ADSP Datasheet HTML 36Page - Renesas Technology Corp R5F2M110ADSP Datasheet HTML 37Page - Renesas Technology Corp R5F2M110ADSP Datasheet HTML 38Page - Renesas Technology Corp R5F2M110ADSP Datasheet HTML 39Page - Renesas Technology Corp R5F2M110ADSP Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
R8C/M11A Group, R8C/M12A Group
4. Electrical Characteristics
Under development Preliminary document
Specifications in this document are tentative and subject to change.
R01DS0010EJ0010 Rev.0.10
Page 36 of 45
Aug 25, 2010
Notes:
1. 2.7 V
≤ Vcc < 4.0 V and Topr = -20 °C to 85 °C (N version)/-40 °C to 85 °C (D version), f(XIN) = 10 MHz, unless otherwise
specified.
2. High drive capacity can also be used while the peripheral output function is used.
Table 4.19
DC Characteristics (3) [2.7 V
≤ Vcc < 4.0 V]
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
VOH
Output high voltage
P1_2, P1_3, P1_4, P1_5,
P3_3, P3_4, P3_5, P3_7 (2)
When drive
capacity is high
IOH = -5 mA
Vcc - 0.5
—
Vcc
V
When drive
capacity is low
IOH = -1 mA
Vcc - 0.5
—
Vcc
V
P1_0, P1_1, P1_6, P1_7,
P4_2, P4_5, P4_6, P4_7,
PA_0
IOH = -1 mA
Vcc - 0.5
—
Vcc
V
VOL
Output low voltage
P1_2, P1_3, P1_4, P1_5,
P3_3, P3_4, P3_5, P3_7 (2)
When drive
capacity is high
IOL = 5 mA
—
—
0.5
V
When drive
capacity is low
IOL = 1 mA
—
—
0.5
V
P1_0, P1_1, P1_6, P1_7,
P4_2, P4_5, P4_6, P4_7,
PA_0
IOL = 1 mA
—
—
0.5
V
VT+-VT-Hysteresis
INT0, INT1, INT2, INT3,
KI0, KI1, KI2, KI3,
TRJIO, TRCIOA, TRCIOB,
TRCIOC, TRCIOD,
RXD0, CLK0
Vcc = 3 V
0.1
0.4
—
V
RESET
Vcc = 3 V
0.1
0.5
—
V
IIH
Input high current
VI = 3 V, Vcc = 3.0 V
—
—
4.0
µA
IIL
Input low current
VI = 0 V, Vcc = 3.0 V
—
—
-4.0
µA
RPULLUP
Pull-up resistance
VI = 0 V, Vcc = 3.0 V
42
84
168
k
Ω
RfXIN
Feedback resistance XIN
—
2.2
—
M
Ω
VRAM
RAM hold voltage
In stop mode
1.8
—
—
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com