Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F2M110ADSP Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # R5F2M110ADSP
Description  RENESAS MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2M110ADSP Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button R5F2M110ADSP Datasheet HTML 6Page - Renesas Technology Corp R5F2M110ADSP Datasheet HTML 7Page - Renesas Technology Corp R5F2M110ADSP Datasheet HTML 8Page - Renesas Technology Corp R5F2M110ADSP Datasheet HTML 9Page - Renesas Technology Corp R5F2M110ADSP Datasheet HTML 10Page - Renesas Technology Corp R5F2M110ADSP Datasheet HTML 11Page - Renesas Technology Corp R5F2M110ADSP Datasheet HTML 12Page - Renesas Technology Corp R5F2M110ADSP Datasheet HTML 13Page - Renesas Technology Corp R5F2M110ADSP Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
R8C/M11A Group, R8C/M12A Group
1. Overview
Under development Preliminary document
Specifications in this document are tentative and subject to change.
R01DS0010EJ0010 Rev.0.10
Page 10 of 45
Aug 25, 2010
1.5
Pin Functions
Table 1.7 lists the Pin Functions.
Note:
1. Contact the oscillator manufacturer for oscillation characteristics.
Table 1.7
Pin Functions
Item
Pin Name
I/O
Description
Power supply input VCC, VSS
—
Apply 1.8 V through 5.5 V to the VCC pin.
Apply 0 V to the VSS pin.
Analog power
supply input
AVCC, AVSS
—
Power supply input for the A/D converter.
Connect a capacitor between pins AVCC and AVSS.
Reset input
RESET
I
Applying a low level to this pin resets the MCU.
MODE
MODE
I
Connect this pin to the VCC pin via a resistor.
XIN clock input
XIN
I
I/O for the XIN clock generation circuit.
Connect a ceramic resonator or a crystal oscillator between
pins XIN and XOUT. (1)
To use an external clock, input it to the XIN pin and leave the
XOUT pin open.
XIN clock output
XOUT
O
INT interrupt input
INT0 to INT3
I
INT interrupt input.
Key input interrupt
KI0 to KI3
I
Key input interrupt input.
I/O ports
P1_0 to P1_7,
P3_0 to P3_5, P3_7,
P4_2, P4_5 to P4_7,
PA_0
I/O
CMOS I/O ports.
Each port has an I/O select direction register, enabling
switching input and output for each port.
For input ports other than PA_0, the presence or absence of a
pull-up resistor can be selected by a program.
P1_2 to P1_5, P3_3 to P3_5, and P3_7 can be used as LED
drive ports.
Timer RJ2
TRJIO
I/O
Timer RJ2 I/O.
TRJO
O
Pulse output.
Timer RB2
TRBO
O
Timer RB2 output.
Timer RC
TRCCLK
I
External clock input.
TRCTRG
I
External trigger input.
TRCIOA, TRCIOB,
TRCIOC, TRCIOD
I/O
Timer RC I/O.
Serial interface
CLK0
I/O
Transfer clock I/O.
RXD0
I
Serial data input.
TXD0
O
Serial data output.
A/D converter
AN0 to AN4, AN7
I
Analog input for the A/D converter.
ADTRG
I
External trigger input for the A/D converter.
Comparator B
IVCMP1, IVCMP3
I
Analog voltage input for comparator B.
IVREF1, IVREF3
I
Reference voltage input for comparator B.
VCOUT1, VCOUT3
O
Comparison result output for comparator B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com