Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2331-E/SP Datasheet(PDF) 64 Page - Microchip Technology

Part # PIC18F2331-E/SP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2331-E/SP Datasheet(HTML) 64 Page - Microchip Technology

Back Button PIC18F2331-E/SP Datasheet HTML 60Page - Microchip Technology PIC18F2331-E/SP Datasheet HTML 61Page - Microchip Technology PIC18F2331-E/SP Datasheet HTML 62Page - Microchip Technology PIC18F2331-E/SP Datasheet HTML 63Page - Microchip Technology PIC18F2331-E/SP Datasheet HTML 64Page - Microchip Technology PIC18F2331-E/SP Datasheet HTML 65Page - Microchip Technology PIC18F2331-E/SP Datasheet HTML 66Page - Microchip Technology PIC18F2331-E/SP Datasheet HTML 67Page - Microchip Technology PIC18F2331-E/SP Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 392 page
background image
PIC18F2331/2431/4331/4431
DS39616D-page 64
 2010 Microchip Technology Inc.
6.1.2.3
PUSH
and POP Instructions
Since the Top-of-Stack (TOS) is readable and writable,
the ability to push values onto the stack and pull values
off the stack without disturbing normal program execu-
tion is a desirable option. To push the current PC value
onto the stack, a PUSH instruction can be executed.
This will increment the Stack Pointer and load the
current PC value onto the stack. TOSU, TOSH and
TOSL can then be modified to place data or a return
address on the stack.
The PUSH instruction places the current PC value onto
the stack. This increments the Stack Pointer and loads
the current PC value onto the stack. The POP instruc-
tion discards the current TOS by decrementing the
Stack Pointer. The previous value pushed onto the
stack then becomes the TOS value.
6.1.2.4
Stack Full/Underflow Resets
These Resets are enabled by programming the
STVREN bit in Configuration Register 4L. When the
STVREN bit is cleared, a full or underflow condition will
set the appropriate STKFUL or STKUNF bit, but not
cause a device Reset. When the STVREN bit is set, a
full or underflow condition will set the appropriate
STKFUL or STKUNF bit and then cause a device
Reset. The STKFUL or STKUNF bits are cleared by the
user software or a Power-on Reset.
6.1.3
FAST REGISTER STACK
A Fast Register Stack is provided for the STATUS,
WREG and BSR registers, to provide a “fast return”
option for interrupts. The stack for each register is only
one level deep and is neither readable nor writable. It is
loaded with the current value of the corresponding
register when the processor vectors for an interrupt. All
interrupt sources will push values into the stack
registers.
The values in the registers are then loaded back into
their associated registers if the RETFIE, FAST instruc-
tion is used to return from the interrupt. If both low and
high-priority interrupts are enabled, the stack registers
cannot be used reliably to return from low-priority inter-
rupts. If a high-priority interrupt occurs while servicing a
low-priority interrupt, the stack register values stored by
the low-priority interrupt will be overwritten. In these
cases, users must save the key registers in software
during a low-priority interrupt.
If interrupt priority is not used, all interrupts may use the
Fast Register Stack for returns from interrupt. If no
interrupts are used, the Fast Register Stack can be
used to restore the STATUS, WREG and BSR registers
at the end of a subroutine call. To use the Fast Register
Stack for a subroutine call, a CALL label, FAST
instruction must be executed to save the STATUS,
WREG and BSR registers to the Fast Register Stack. A
RETURN
, FAST instruction is then executed to restore
these registers from the Fast Register Stack.
Example 6-1 shows a source code example that uses
the Fast Register Stack during a subroutine call and
return.
EXAMPLE 6-1:
FAST REGISTER STACK
CODE EXAMPLE
6.1.4
LOOK-UP TABLES IN PROGRAM
MEMORY
There may be programming situations that require the
creation of data structures, or look-up tables, in
program memory. For PIC18 devices, look-up tables
can be implemented two ways:
• Computed GOTO
• Table Reads
6.1.4.1
Computed GOTO
A computed GOTO is accomplished by adding an offset
to the program counter. An example is shown in
Example 6-2.
A look-up table can be formed with an ADDWF PCL
instruction and a group of RETLW nn instructions. The
W register is loaded with an offset into the table before
executing a call to that table. The first instruction of the
called routine is the ADDWF PCL instruction. The next
instruction executed will be one of the RETLW nn
instructions that returns the value “nn” to the calling
function.
The offset value (in WREG) specifies the number of
bytes that the program counter should advance and
should be multiples of 2 (LSb = 0).
In this method, only one data byte can be stored in
each instruction location and room on the return
address stack is required.
EXAMPLE 6-2:
COMPUTED GOTO USING
AN OFFSET VALUE
CALL
SUB1, FAST
;STATUS, WREG, BSR
;SAVED IN FAST REGISTER
;STACK
SUB1
RETURN FAST
;RESTORE VALUES SAVED
;IN FAST REGISTER STACK
MOVFW
OFFSET
CALL
TABLE
ORG
0xnn00
TABLE
ADDWF
PCL
RETLW
0xnn
RETLW
0xnn
RETLW
0xnn
.
.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com