Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2331-E/SP Datasheet(PDF) 67 Page - Microchip Technology

Part # PIC18F2331-E/SP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2331-E/SP Datasheet(HTML) 67 Page - Microchip Technology

Back Button PIC18F2331-E/SP Datasheet HTML 63Page - Microchip Technology PIC18F2331-E/SP Datasheet HTML 64Page - Microchip Technology PIC18F2331-E/SP Datasheet HTML 65Page - Microchip Technology PIC18F2331-E/SP Datasheet HTML 66Page - Microchip Technology PIC18F2331-E/SP Datasheet HTML 67Page - Microchip Technology PIC18F2331-E/SP Datasheet HTML 68Page - Microchip Technology PIC18F2331-E/SP Datasheet HTML 69Page - Microchip Technology PIC18F2331-E/SP Datasheet HTML 70Page - Microchip Technology PIC18F2331-E/SP Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 67
PIC18F2331/2431/4331/4431
6.5
Data Memory Organization
The data memory in PIC18 devices is implemented as
static RAM. Each register in the data memory has a 12-bit
address, allowing up to 4,096 bytes of data memory. The
memory space is divided into as many as 16 banks that
contain 256 bytes each. PIC18F2331/2431/4331/4431
devices implement all 16 banks.
Figure 6-6 shows the data memory organization for the
PIC18F2331/2431/4331/4431 devices. The data mem-
ory contains Special Function Registers (SFRs) and
General Purpose Registers (GPRs). The SFRs are used
for control and status of the controller and peripheral
functions, while GPRs are used for data storage and
scratchpad operations in the user’s application. Any
read of an unimplemented location will read as ‘0’s.
The instruction set and architecture allow operations
across all banks. The entire data memory may be
accessed by Direct, Indirect or Indexed Addressing
modes. Addressing modes are discussed later in this
subsection.
To ensure that commonly used registers (SFRs and
select GPRs) can be accessed in a single cycle, PIC18
devices implement an Access Bank. This is a 256-byte
memory space that provides fast access to SFRs and
the lower portion of GPR Bank 0 without using the
BSR. Section 6.5.2 “Access Bank” provides a
detailed description of the Access RAM.
FIGURE 6-6:
DATA MEMORY MAP FOR PIC18F2331/2431/4331/4431 DEVICES
Bank 0
Bank 1
Bank 14
Bank 15
Data Memory Map
BSR<3:0>
= 0000
= 0001
= 1111
060h
05Fh
F60h
FFFh
00h
5Fh
60h
FFh
Access Bank
When a = 0:
The BSR is ignored and the
Access Bank is used.
The first 96 bytes are
General Purpose RAM
(from Bank 0).
The second 160 bytes are
Special Function Registers
(from Bank 15).
When a = 1:
The BSR specifies the bank
used by the instruction.
F5Fh
F00h
EFFh
1FFh
100h
0FFh
000h
Access RAM
FFh
00h
FFh
00h
FFh
00h
GPR
GPR
SFR
Unused
Access RAM High
Access RAM Low
Bank 3
to
200h
Unused
Read ‘00h’
= 1110
= 0011
(SFRs)
= 0010
GPR
FFh
00h
00h
Bank 2
300h
2FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com