Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP8602MMX Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMP8602MMX
Description  60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP8602MMX Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LMP8602MMX Datasheet HTML 14Page - National Semiconductor (TI) LMP8602MMX Datasheet HTML 15Page - National Semiconductor (TI) LMP8602MMX Datasheet HTML 16Page - National Semiconductor (TI) LMP8602MMX Datasheet HTML 17Page - National Semiconductor (TI) LMP8602MMX Datasheet HTML 18Page - National Semiconductor (TI) LMP8602MMX Datasheet HTML 19Page - National Semiconductor (TI) LMP8602MMX Datasheet HTML 20Page - National Semiconductor (TI) LMP8602MMX Datasheet HTML 21Page - National Semiconductor (TI) LMP8602MMX Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
BIDIRECTIONAL CURRENT SENSING
The signal on the A1 and OUT pins is ground-referenced
when the OFFSET pin is connected to ground. This means
that the output signal can only represent positive values of the
current through the shunt resistor, so only currents flowing in
one direction can be measured. When the offset pin is tied to
the positive supply rail, the signal on the A1 and OUT pins is
referenced to a mid-rail voltage which allows bidirectional
current sensing. When the offset pin is connected to a voltage
source, the output signal will be level shifted to that voltage
divided by two. In principle, the output signal can be shifted
to any voltage between 0 and V
S/2 by applying twice that
voltage from a low impedance source (Note 16) to the OFF-
SET pin.
With the offset pin connected to the supply pin (V
S) the oper-
ation of the amplifier will be fully bidirectional and symmetrical
around 0V differential at the input pins. The signal at the out-
put will follow this voltage difference multiplied by the gain and
at an offset voltage at the output of half V
S.
Example:
With 5V supply and a gain of 50x for the LMP8602, a differ-
ential input signal of +10 mV will result in 3.0V at the output
pin. similarly -10 mV at the input will result in 2.0V at the output
pin.
With 5V supply and a gain of 100x for the LMP8603, a differ-
ential input signal of +10 mV will result in 3.5V at the output
pin. similarly -10 mV at the input will result in 1.5V at the output
pin.
Note 16: The OFFSET pin has to be driven from a very low-impedance
source (<10
Ω). This is because the OFFSET pin internally connects directly
to the resistive feedback networks of the two gain stages. When the OFFSET
pin is driven from a relatively large impedance (e.g. a resistive divider
between the supply rails) accuracy will decrease.
POWER SUPPLY DECOUPLING
In order to decouple the LMP8602/LMP8602Q/LMP8603/LM-
P8603Q from AC noise on the power supply, it is recom-
mended to use a 0.1 µF bypass capacitor between the V
S and
GND pins. This capacitor should be placed as close as pos-
sible to the supply pins. In some cases an additional 10 µF
bypass capacitor may further reduce the supply noise.
LAYOUT CONSIDERATIONS
The two input signals of the LMP8602/LMP8602Q/LMP8603/
LMP8603Q are differential signals and should be handled as
a differential pair. For optimum performance these signals
should be closely together and of equal length. Keep all
impedances in both traces equal and do not allow any other
signal or ground in between the traces of this signals.
The connection between the preamplifier and the output
buffer amplifier is a high impedance signal due to the 100
k
Ω series resistor at the output of the preamplifier. Keep the
traces at this point as short as possible and away from inter-
fering signals.
The LMP8602/LMP8602Q/LMP8603/LMP8603Q is available
in a 8–Pin SOIC package and in a 8–Pin MSOP package. For
the MSOP package, the bare board spacing at the solder
pads of the package will be too small for reliable use at higher
voltages (V
CM > 25V) In this situation it is strongly advised to
add a conformal coating on the PCB assembled with the
LMP8602/LMP8602Q/LMP8603/LMP8603Q in MSOP pack-
age.
DRIVING SWITCHED CAPACITIVE LOADS
Some ADCs load their signal source with a sample and hold
capacitor. The capacitor may be discharged prior to being
connected to the signal source. If the LMP8602/LMP8602Q/
LMP8603/LMP8603Q is driving such ADCs the sudden cur-
rent that should be delivered when the sampling occurs may
disturb the output signal. This effect was simulated with the
circuit shown in Figure 5 where the output is to a capacitor
that is driven by a rail to rail square wave.
30083460
FIGURE 5. Driving Switched Capacitive Load
This circuit simulates the switched connection of a discharged
capacitor to the LMP8602/LMP8602Q/LMP8603/LMP8603Q
output. The resulting V
OUT disturbance signals are shown in
Figure 6 and Figure 7.
30083430
FIGURE 6. Capacitive Load Response at 3.3V
30083431
FIGURE 7. Capacitive Load Response at 5.0V
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com