Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP8602MMX Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMP8602MMX
Description  60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP8602MMX Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LMP8602MMX Datasheet HTML 15Page - National Semiconductor (TI) LMP8602MMX Datasheet HTML 16Page - National Semiconductor (TI) LMP8602MMX Datasheet HTML 17Page - National Semiconductor (TI) LMP8602MMX Datasheet HTML 18Page - National Semiconductor (TI) LMP8602MMX Datasheet HTML 19Page - National Semiconductor (TI) LMP8602MMX Datasheet HTML 20Page - National Semiconductor (TI) LMP8602MMX Datasheet HTML 21Page - National Semiconductor (TI) LMP8602MMX Datasheet HTML 22Page - National Semiconductor (TI) LMP8602MMX Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
These figures can be used to estimate the disturbance that
will be caused when driving a switched capacitive load. To
minimize the error signal introduced by the sampling that oc-
curs on the ADC input, an additional RC filter can be placed
in between the LMP8602/LMP8602Q/LMP8603/LMP8603Q
and the ADC as illustrated in Figure 8.
30083461
FIGURE 8. Reduce Error When Driving ADCs
The external capacitor absorbs the charge that flows when
the ADC sampling capacitor is connected. The external ca-
pacitor should be much larger than the sample and hold
capacitor at the input of the ADC and the RC time constant of
the external filter should be such that the speed of the system
is not affected.
LOW SIDE CURRENT SENSING APPLICATION WITH
LARGE COMMON MODE TRANSIENTS
Figure 9 illustrates a low side current sensing application with
a low side driver. The power transistor is pulse width modu-
lated to control the average current flowing through the in-
ductive load which is connected to a relatively high battery
voltage. The current through the load is measured across a
shunt resistor R
SENSE in series with the load. When the power
transistor is on, current flows from the battery through the in-
ductive load, the shunt resistor and the power transistor to
ground. In this case, the common mode voltage on the shunt
is close to ground. When the power transistor is off, current
flows through the inductive load, through the shunt resistor
and through the freewheeling diode. In this case the common
mode voltage on the shunt is at least one diode voltage drop
above the battery voltage. Therefore, in this application the
common mode voltage on the shunt is varying between a
large positive voltage and a relatively low voltage. Because
the large common mode voltage range of the LMP8602/
LMP8603 and because of the high AC common mode rejec-
tion ratio, the LMP8602/LMP8603 is very well suited for this
application.
For this application the following example can be used for the
calculation of the output signal:
When using a sense resistor, R
SENSE, of 0.01 Ω and a current
of 1A, then the output voltage at the input pins of the LMP8602
is: R
SENSE * ILOAD = 0.01 Ω * 1A = 0.01V
With the gain of 50 for the LMP8602 this will give an output of
0.5V. Or in other words, V
OUT = 0.5V/A.
For the LMP8603 the calculation is similar, but with a gain of
100, giving an output of 1 V/A.
30083452
FIGURE 9. Low Side Current Sensing Application with Large Common Mode Transients
19
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com