Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST25WF040 Datasheet(PDF) 17 Page - Silicon Storage Technology, Inc

Part # SST25WF040
Description  512 Kbit / 1 Mbit / 2 Mbit / 4Mbit 1.8V SPI Serial Flash
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25WF040 Datasheet(HTML) 17 Page - Silicon Storage Technology, Inc

Back Button SST25WF040 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST25WF040 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST25WF040 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST25WF040 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST25WF040 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST25WF040 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST25WF040 Datasheet HTML 19Page - Silicon Storage Technology, Inc SST25WF040 Datasheet HTML 20Page - Silicon Storage Technology, Inc SST25WF040 Datasheet HTML 21Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Data Sheet
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
SST25WF512 / SST25WF010 / SST25WF020 / SST25WF040
17
©2009 Silicon Storage Technology, Inc.
S71328-08-000
11/09
64-KByte Block-Erase for SST25WF020 and SST25WF040
The Block-Erase instruction clears all bits in the selected 64
KByte block to FFH. A Block-Erase instruction applied to a
protected memory area is ignored. Prior to any Write oper-
ation, the Write-Enable (WREN) instruction must be exe-
cuted. CE# must remain active low for the duration of any
command sequence. The Block-Erase instruction is initi-
ated by executing an 8-bit command, D8H, followed by
address bits [A23-A0]. Address bits [AMS-A16] (AMS =Most
Significant Address) are used to determine block address
(BAX), remaining address bits can be VIL or VIH. CE# must
be driven high before the instruction is executed. Poll the
Busy bit in the software status register or wait TBE for the
completion of the internal self-timed Block-Erase. See Fig-
ure 15 for the Block-Erase sequences.
FIGURE 15: 64-KByte Block-Erase Sequence
Chip-Erase
The Chip-Erase instruction clears all bits in the device to
FFH. A Chip-Erase instruction is ignored if any of the mem-
ory area is protected. Prior to any Write operation, the
Write-Enable (WREN) instruction must be executed. CE#
must remain active low for the duration of the Chip-Erase
instruction sequence. The Chip-Erase instruction is initiated
by executing an 8-bit command, 60H or C7H. CE# must be
driven high before the instruction is executed. The user may
poll the Busy bit in the software status register or wait TCE
for the completion of the internal self-timed Chip-Erase
cycle. See Figure 16 for the Chip-Erase sequence.
FIGURE 16: Chip-Erase Sequence
CE#
SO
SI
SCK
ADDR
01 2 3 4 5 6 7 8
ADDR
ADDR
D8
HIGH IMPEDANCE
15 16
23 24
31
MODE 0
MODE 3
1328 F15.0
MSB
MSB
CE#
SO
SI
SCK
01 2 3 4 5 6 7
60 or C7
HIGH IMPEDANCE
MODE 0
MODE 3
1328 F16.0
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com