Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST25WF040 Datasheet(PDF) 15 Page - Silicon Storage Technology, Inc

Part # SST25WF040
Description  512 Kbit / 1 Mbit / 2 Mbit / 4Mbit 1.8V SPI Serial Flash
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25WF040 Datasheet(HTML) 15 Page - Silicon Storage Technology, Inc

Back Button SST25WF040 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST25WF040 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST25WF040 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST25WF040 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST25WF040 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST25WF040 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST25WF040 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST25WF040 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST25WF040 Datasheet HTML 19Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
Data Sheet
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
SST25WF512 / SST25WF010 / SST25WF020 / SST25WF040
15
©2009 Silicon Storage Technology, Inc.
S71328-08-000
11/09
FIGURE 11: Auto Address Increment (AAI) Word Program Sequence
with Hardware End-of-Write Detection
FIGURE 12: Auto Address Increment (AAI) Word Program Sequence
with Software End-of-Write Detection
08
32
24
48
16
24
0
40
0
8
8
8
16
0
8
16
24
0
0
8
816
CE#
SI
SCK
A
AA
AD
D0
AD
SO
DOUT
1328 F11.1
D1
D2
D3
AD
Dn-1
Dn
WRDI
RDSR
Last 2
Data Bytes
WRDI to exit
AAI Mode
Output Status
Register Data
Check for Flash Busy Status to load next valid command
Load AAI command, Address, 2 bytes data
Note: 1. Valid commands during AAI programming: AAI command or WRDI command
2. User must configure the SO pin to output Flash Busy status during AAI programming
WREN
DOUT
08
32
24
48
16
24
0
40
0
8
8
8
16
0
8
16
24
0
0
8
816
CE#
SI
SCK
A
AA
AD
D0
AD
SO
DOUT
1328 F12.1
D1
D2
D3
AD
Dn-1
Dn
WRDI
RDSR
Last 2
Data Bytes
WRDI to exit
AAI Mode
Output Status
Register Data
Check for Flash Busy Status to load next valid command
Load AAI command, Address, 2 bytes data
Note:
Valid commands during AAI programming: AAI command, Read Status Register command, or WRDI command
WREN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com