Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HS0-1825ARH/Sample Datasheet(PDF) 1 Page - Intersil Corporation

Part # HS0-1825ARH/Sample
Description  Radiation Hardened High-Speed, Dual Output PWM
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS0-1825ARH/Sample Datasheet(HTML) 1 Page - Intersil Corporation

  HS0-1825ARH/Sample Datasheet HTML 1Page - Intersil Corporation HS0-1825ARH/Sample Datasheet HTML 2Page - Intersil Corporation HS0-1825ARH/Sample Datasheet HTML 3Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
®
HS-1825ARH
Radiation Hardened High-Speed, Dual
Output PWM
The Radiation Hardened HS-1825ARH Pulse Width
Modulator is designed to be used in high frequency
switched-mode power supplies and can be used in either
current-mode or voltage-mode. It is well suited for
single-ended boost converter applications.
Device features include a precision voltage reference, low
power start-up circuit, high frequency oscillator, wide-band
error amplifier, and fast current-limit comparator. The use of
proprietary process capabilities and unique design
techniques results in fast propagation delay times and high
output current over a wide range of output voltages.
Constructed with the Intersil Rad Hard Silicon Gate (RSG)
Dielectric Isolation BiCMOS process, the HS-1825ARH has
been specifically designed to provide highly reliable
performance when exposed to harsh radiation
environments.
Specifications for Rad Hard QML devices are controlled
by the Defense Supply Center in Columbus (DSCC). The
SMD numbers listed below must be used when ordering.
Detailed Electrical Specifications for the HS-1825ARH
are contained in SMD 5962-99558. That document may
be easily downloaded from our website.
www.intersil.com/
Features
• Electrically Screened to DESC SMD # 5962-99558
• QML Qualified per MIL-PRF-38535 Requirements
• Radiation Environment
- Maximum Total Dose . . . . . . . . . . . . . . . . 300 krad(SI)
- Vertical Architecture Provides Low Dose Rate Immunity
- DI RSG Process Provides Latch-Up Immunity
• Low Start-Up Current . . . . . . . . . . . . . . . . . . . 100µA (Typ)
• Fast Propagation Delay . . . . . . . . . . . . . . . . . . 80ns (Typ)
• 12V to 30V Operation
• 1A (Peak) Dual Output Drive Capability
• 5.1V Reference
• Undervoltage Lockout
• Programmable Soft-Start
• Switching Frequencies to 500kHz
• Latched Overcurrent Comparator with Full Cycle Restart
• Programmable Leading Edge Blanking Circuit
Applications
• Current or Voltage Mode Switching Power Supplies
• Motor Speed and Direction Control
Pinout
HS-1825ARH
SBDIP (CDIP2-T16) AND FLATPACK (CDFP4-F16)
TOP VIEW
NOTE: Grounding the Soft-Start pin does not inhibit the outputs. The
outputs may be inhibited by applying >1.26V to the ILIM/SD pin.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
INV
NON-INV
E/A OUT
CLOCK
RT
CT
SOFT START
RAMP
VREF 5.1V
OUTPUT B
VC
POWER GND
OUTPUT A
GND
ILIM/SD
VCC
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002, 2005, 2008. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
Data Sheet
September 25, 2008
FN4561.8


Similar Part No. - HS0-1825ARH/Sample

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HS0-1825ARH RENESAS-HS0-1825ARH Datasheet
551Kb / 6P
Radiation Hardened High-Speed, Dual Output PWM
August 5, 2016
HS0-1825ARH-Q RENESAS-HS0-1825ARH-Q Datasheet
551Kb / 6P
Radiation Hardened High-Speed, Dual Output PWM
August 5, 2016
More results

Similar Description - HS0-1825ARH/Sample

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IS-1845ASRH INTERSIL-IS-1845ASRH Datasheet
57Kb / 2P
Single Event Radiation Hardened High Speed, Current Mode PWM
October 2003
HS-1825ARH INTERSIL-HS-1825ARH_05 Datasheet
131Kb / 2P
Radiation Hardened High-Speed, Dual Output PWM
June 21, 2005
ISL7119RH INTERSIL-ISL7119RH Datasheet
48Kb / 2P
Radiation Hardened High Speed Dual Voltage Comparator
October 8, 2008
IS-1845ASRH INTERSIL-IS-1845ASRH_08 Datasheet
202Kb / 3P
Single Event Radiation Hardened High Speed, Current Mode PWM
September 25, 2008
HS-1825AEH INTERSIL-HS-1825AEH Datasheet
137Kb / 3P
Radiation Hardened High-Speed, Dual Output PWM
May 10, 2012
IS-1845ASEH INTERSIL-IS-1845ASEH Datasheet
151Kb / 3P
Single Event Radiation Hardened High Speed, Current Mode PWM
July 13, 2012
logo
Texas Instruments
UC1825A-SP TI1-UC1825A-SP_16 Datasheet
831Kb / 40P
Class-V, Radiation Hardened High-Speed PWM Controller
UC1825B-SP TI1-UC1825B-SP Datasheet
4Mb / 30P
Class-V, Radiation Hardened High-Speed PWM Controller
UC1825B-SP TI-UC1825B-SP_V01 Datasheet
4Mb / 31P
UC1825B-SP Class-V, Radiation Hardened High-Speed PWM Controller
logo
Renesas Technology Corp
ISL7119RH RENESAS-ISL7119RH Datasheet
249Kb / 6P
Radiation Hardened High Speed Dual Voltage Comparators
Feb 9, 2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com