Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS26F31ME/883 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS26F31ME/883
Description  Quad High Speed Differential Line Drivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS26F31ME/883 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DS26F31ME/883 Datasheet HTML 1Page - National Semiconductor (TI) DS26F31ME/883 Datasheet HTML 2Page - National Semiconductor (TI) DS26F31ME/883 Datasheet HTML 3Page - National Semiconductor (TI) DS26F31ME/883 Datasheet HTML 4Page - National Semiconductor (TI) DS26F31ME/883 Datasheet HTML 5Page - National Semiconductor (TI) DS26F31ME/883 Datasheet HTML 6Page - National Semiconductor (TI) DS26F31ME/883 Datasheet HTML 7Page - National Semiconductor (TI) DS26F31ME/883 Datasheet HTML 8Page - National Semiconductor (TI) DS26F31ME/883 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DS26F31M Electrical Characteristics
DC Parameters (Note 8)
Symbol
Parameter
Conditions
Notes
Min
Max
Units
Sub-
groups
V
IH
Logical "1" Input Voltage
V
CC = 4.5V
(Note 4)
2.0
V
1, 2, 3
V
IL
Logical "0" Input Voltage
V
CC = 5.5V
(Note 4)
0.8
V
1, 2, 3
V
OH
Logical "1" Output Voltage
V
CC = 4.5V, IOH = -20mA,
V
IL = 0.8V, VIH =2V
2.5
V
1,2,3
V
OL
Logical "0" Output Voltage
V
CC = 4.5V, IOL = 20mA,
V
IL = 0.8V, VIH =2V
0.5
V
1,2,3
I
IH
Logical "1" Input Current
V
CC = 5.5V, VI = 2.7V
(Note 7)
-2.0
20
µA
1, 2, 3
I
IL
Logical "0" Input Current
V
CC = 5.5V, VI = 0.4V
(Note 7)
100
-200
µA
1, 2, 3
I
I
Input Reverse Current
V
CC = 5.5V, VI = 7V
(Note 7)
-0.01
0.1
mA
1, 2, 3
I
OZ
TRI-STATE Output Current
V
CC = 5.5V, VO = 0.5V
-20
µA
1, 2, 3
V
CC = 5.5V, VO = 2.5V
20
µA
1, 2, 3
V
I
Input Clamp Voltage
V
CC = 4.5V, II = -18mA
-1.5
V
1, 2, 3
I
SC Min
Output Short Circuit Current
V
CC = 5.5V, VO = 0V
-30
mA
1, 2, 3
I
SC Max
Output Short Circuit Current
V
CC = 5.5V, VO = 0V
-150
mA
1, 2, 3
I
CC Dis
Power Supply Current
V
CC = 5.5V, VI = 0.8V or 2V,
VEn = 0.8V, VEn = 2V
50
mA
1, 2, 3
I
CC En
Power Supply Current
V
CC = 5.5V, VEn = 2V,
VEn = 0.8V
40
mA
1, 2, 3
AC Parameters - Propagation Delay Time
The following conditions apply, unless otherwise specified.
AC:
V
CC = 5V, CL = 50pF or equivalent impedance provided by diode load
Symbol
Parameter
Conditions
Notes
Min
Max
Units
Sub-
groups
t
PLH
Input to Output
(Note 5)
16
nS
9
(Note 5)
24
nS
10, 11
C
L = 30pF
(Note 6)
15
nS
9
(Note 6)
23
nS
10, 11
t
PHL
Input to Output
(Note 5)
17
nS
9
(Note 5)
25
nS
10, 11
C
L = 30pF
(Note 6)
15
nS
9
(Note 6)
23
nS
10, 11
t
LZ
Disable Time
(Note 5)
38
nS
9
(Note 5)
56
nS
10, 11
C
L = 10 pF
(Note 6)
35
nS
9
(Note 6)
53
nS
10, 11
t
HZ
Disable Time
(Note 5)
23
nS
9
(Note 5)
30
nS
10, 11
C
L = 10 pF
(Note 6)
20
nS
9
(Note 6)
27
nS
10, 11
t
ZL
Enable Time
(Note 5)
28
nS
9
(Note 5)
40
nS
10, 11
C
L = 30pF
(Note 6)
25
nS
9
(Note 6)
37
nS
10, 11
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com