Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS26F31ME/883 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS26F31ME/883
Description  Quad High Speed Differential Line Drivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS26F31ME/883 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS26F31ME/883 Datasheet HTML 1Page - National Semiconductor (TI) DS26F31ME/883 Datasheet HTML 2Page - National Semiconductor (TI) DS26F31ME/883 Datasheet HTML 3Page - National Semiconductor (TI) DS26F31ME/883 Datasheet HTML 4Page - National Semiconductor (TI) DS26F31ME/883 Datasheet HTML 5Page - National Semiconductor (TI) DS26F31ME/883 Datasheet HTML 6Page - National Semiconductor (TI) DS26F31ME/883 Datasheet HTML 7Page - National Semiconductor (TI) DS26F31ME/883 Datasheet HTML 8Page - National Semiconductor (TI) DS26F31ME/883 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DS26F31MQML
Quad High Speed Differential Line Drivers
General Description
The DS26F31M is a quad differential line driver designed for
digital
data
transmission
over
balanced
lines.
The
DS26F31M meets all the requirements of EIA Standard RS-
422 and Federal Standard 1020. It is designed to provide
unipolar differential drive to twisted-pair or parallel-wire
transmission lines.
The DS26F31M offers improved performance due to the use
of state-of-the-art L-FAST bipolar technology. The L-FAST
technology allows for higher speeds and lower currents by
utilizing extremely short gate delay times. Thus, the
DS26F31M features lower power, extended temperature
range, and improved specifications.
The circuit provides an enable and disable function common
to all four drivers. The DS26F31M features TRI-STATE®
outputs and logical OR-ed complementary enable inputs.
The inputs are all LS compatible and are all one unit load.
The DS26F31M offers optimum performance when used
with the DS26F32 Quad Differential Line Receiver.
Features
n
Operation from single +5.0V supply
n
Outputs won’t load line when V
CC =0V
n
Output short circuit protection
n
Meets the requirements of EIA standard RS-422
n
High output drive capability for 100
Ω terminated
transmission lines
Ordering Information
NS Part Number
SMD Part Number
NS Package Number
Package Description
DS26F31ME/883
5962–7802302M2A
E20A
20LD Leadless Chip Carrier
DS26F31MJ/883
5962–7802302MEA
J16A
16LD Ceramic DIP
DS26F31MW/883
5962–7802302MFA
W16A
16LD Ceramic FlatPack
DS26F31MWG/883
5962–7802302MZA
WG16A
16LD Ceramic SOIC
DS26F31MJ-QMLV
5962–7802302VEA
J16A
16LD Ceramic DIP
DS26F31MJFQMLV
5962F7802302VEA
300k rd(Si)
J16A
16LD Ceramic DIP
DS26F31MW-QMLV
5962–7802302VFA
W16A
16LD Ceramic FlatPack
DS26F31MWFQMLV
5962F7802302VFA
300k rd(Si)
W16A
16LD Ceramic FlatPack
DS26F31MWGFQMLV
5962F7802302VZA
300k rd(Si)
WG16A
16LD Ceramic SOIC
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
March 2006
© 2006 National Semiconductor Corporation
DS201632
www.national.com


Similar Part No. - DS26F31ME/883

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS26F31ME/883 NSC-DS26F31ME/883 Datasheet
192Kb / 5P
Quad High Speed Differential Line Drivers
logo
Texas Instruments
DS26F31ME/883 TI-DS26F31ME/883 Datasheet
342Kb / 12P
DS26F31MQML Quad High Speed Differential Line Drivers
DS26F31ME/883 TI2-DS26F31ME/883 Datasheet
419Kb / 13P
DS26F31MQML Quad High Speed Differential Line Drivers
REVISED APRIL 2013
More results

Similar Description - DS26F31ME/883

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS26F31M NSC-DS26F31M Datasheet
192Kb / 5P
Quad High Speed Differential Line Drivers
logo
Pericom Semiconductor C...
PI90LV387 PERICOM-PI90LV387 Datasheet
386Kb / 7P
High-Speed Differential Line Drivers
logo
Texas Instruments
SN65LVDS387 TI-SN65LVDS387 Datasheet
276Kb / 18P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI-SN65LVDS387_07 Datasheet
323Kb / 18P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN55LVDS31 TI-SN55LVDS31_07 Datasheet
1Mb / 29P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31_09 Datasheet
1Mb / 30P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS
DS26F31MQML TI-DS26F31MQML_15 Datasheet
342Kb / 12P
DS26F31MQML Quad High Speed Differential Line Drivers
SN65LVDS179 TI1-SN65LVDS179_16 Datasheet
1Mb / 50P
High-Speed Differential Line Drivers
SN65LVDS387 TI1-SN65LVDS387_16 Datasheet
1Mb / 39P
High-Speed Differential Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com