Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MRF24WB0MB Datasheet(PDF) 3 Page - Microchip Technology

Part # MRF24WB0MB
Description  2.4 GHz, IEEE Std. 802.11b??RF Transceiver Module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24WB0MB Datasheet(HTML) 3 Page - Microchip Technology

  MRF24WB0MB Datasheet HTML 1Page - Microchip Technology MRF24WB0MB Datasheet HTML 2Page - Microchip Technology MRF24WB0MB Datasheet HTML 3Page - Microchip Technology MRF24WB0MB Datasheet HTML 4Page - Microchip Technology MRF24WB0MB Datasheet HTML 5Page - Microchip Technology MRF24WB0MB Datasheet HTML 6Page - Microchip Technology MRF24WB0MB Datasheet HTML 7Page - Microchip Technology MRF24WB0MB Datasheet HTML 8Page - Microchip Technology MRF24WB0MB Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS70632A-page 3
MRF24WB0MA/MRF24WB0MB
Features:
• IEEE Std. 802.11-compliant RF Transceiver
• Serialized unique MAC address
• Data Rate: 1 and 2 Mbps
• IEEE Std. 802.11b/g/n compatible
• Small size: 21mm x 31mm 36-pin Surface Mount
Module
• Integrated PCB antenna (MRF24WB0MA)
• External antenna option (MRF24WB0MB) with
ultra miniature coaxial (U.FL) connector
• Range: up to 400m (1300 ft.)
• Easy integration into final product – accelerates
product development, provides quicker time to
market
• Radio regulation certification for United States
(FCC), Canada (IC), Europe (ETSI) and Japan
(ARIB)
• Wi-Fi® certified (WFA ID: WFA7150)
• Designed for use with Microchip microcontroller
families (PIC18, PIC24, dsPIC33, and PIC32) with
downloadable Microchip TCP/IP Stack
Operational:
• Single operating voltage: 2.7V-3.6V (3.3V typical)
• Temperature Range: 0° C to +70° C Commercial
• Simple, four-wire SPI interface with interrupt
• Low-current consumption:
- RX mode – 85 mA (typical)
- TX mode – 154 mA (+10 dBm typical)
- Sleep – 250 µA (typical)
- Hibernate – <0.1 µA (typical)
RF/Analog Features:
• ISM Band 2.400-2.483.5 GHz operation
• 14 Channels selectable individually or domain-
restricted
• DSSS Modulation
• Data Rate – 1000 kbps
• -91 dBm Typical sensitivity at 1 Mbps
• +10 dBm Typical output power with control
• Integrated low phase noise VCO, RF frequency
synthesizer, PLL loop filter and PA
• Digital VCO and filter calibration
• Integrated RSSI ADC and I/Q DACs, RSSI
readings available to host
• Balanced receiver and transmitter characteristics
for low power consumption
MAC/Baseband Features:
• Hardware CSMA/CA access control, automatic
ACK, and FCS creation and checking
• Automatic MAC packet retransmit
• Hardware Security Engine for AES and
RC4-based ciphers
• Supports 802.1x, 802.1i security: WEP,
WPA-PSK, and WPA-2-PSK.
Applications:
• Utility and Smart Energy
- Thermostats
- Smart Meters
- White Goods
-HVAC
• Consumer Electronics
- Remote Control
- Internet Radio
- Home Security
-Toys
• Industrial Controls
- Chemical Sensors
-HVAC
- Security Systems
- M2M Communication
• Remote Device Management
- Location and Asset Tracking
- Automotive
- Code Update
• Retail
-POS Terminals
- Wireless Price Tags
- Digital Remote
• Medical, Fitness, and Healthcare
-Glucose Meters
- Fitness Equipment
- Patient Asset Tracking
MRF24WB0MA/MRF24WB0MB Data Sheet
2.4 GHz IEEE Std. 802.11b™



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com