Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MRF24WB0MB Datasheet(PDF) 14 Page - Microchip Technology

Part # MRF24WB0MB
Description  2.4 GHz, IEEE Std. 802.11b??RF Transceiver Module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24WB0MB Datasheet(HTML) 14 Page - Microchip Technology

Back Button MRF24WB0MB Datasheet HTML 10Page - Microchip Technology MRF24WB0MB Datasheet HTML 11Page - Microchip Technology MRF24WB0MB Datasheet HTML 12Page - Microchip Technology MRF24WB0MB Datasheet HTML 13Page - Microchip Technology MRF24WB0MB Datasheet HTML 14Page - Microchip Technology MRF24WB0MB Datasheet HTML 15Page - Microchip Technology MRF24WB0MB Datasheet HTML 16Page - Microchip Technology MRF24WB0MB Datasheet HTML 17Page - Microchip Technology MRF24WB0MB Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
MRF24WB0MA/MRF24WB0MB
DS70632A-page 14
Preliminary
 2010 Microchip Technology Inc.
2.2
Power-On Sequence
The internal regulators for the digital and analog core
power supplies are enabled by driving the HIBERNATE
pin high. Figure 2-2 shows the waveforms for the core
supplies when powering up the MRF24WB0MA/
MRF24WB0MB with a nominal 3.3V applied to VDD.
There is an internal Power-on-Reset (POR) detect
which starts the boot sequence from the internal ROM
when the core is powered. After approximately 300 ms
from when the VDD supply is within specification, the
MRF24WB0MA/MRF24WB0MB is ready for operation.
FIGURE 2-2:
MRF24WB0MA/MRF24WB0MB POWER-ON SEQUENCE TIMING
2.3
Power States
The MRF24WB0MA/MRF24WB0MB has several
power states. These are Hibernate, Sleep and Active
(two sub-states), as shown in Figure 2-3. The selection
of power state directly affects system behavior, as well
as overall power consumption or battery life. There is
also a “Standby” state that is not user-controlled.
2.3.1
HIBERNATE STATE
An “Off” state is defined as no power applied to the
device. The Hibernate mode is the closest to controlled
off that the module can approach. It is controlled via the
HIBERNATE pin (high input puts the module into Hiber-
nate). When in Hibernate, the module only consumes
leakage current, but does not maintain state. Hibernate
has to be fully controlled by the PIC MCU and requires
the TCP/IP stack to restart on an awake. This state pro-
vides the best battery life for embedded products. Note
that entering Hibernate for intervals of less than 30 sec-
onds is not likely to save power. Battery life expectation
can be more than a year for devices operating on AA
cells that would be in Hibernate except to wake up
every hour for a small data transfer (<500 Bytes).
2.3.2
SLEEP STATE
The Sleep state is a low power dynamic state that auto-
matically implements the 802.11 Power Save feature.
In this mode, if enabled, the module will enter power
save mode when all activity is complete.
The module will wake autonomously to any PIC inter-
vention so it can check DTIM beacons from the Access
Point. If any traffic is listed as queued for the module,
then it will awaken and get the data from the Access
Point on the next possible opportunity. When data is
acquired, the module will interrupt the PIC microcon-
troller on a normal “data available” indication. If no data
is available on a DTIM check, the module reenters the
Power Save state until the next DTIM. The DTIM inter-
val is programmed at the Access Point. This state can
provide “as if on” behavior of the radio with a significant
power savings versus “always on”. The battery life
expectation of this mode is several days to several
weeks. This mode is characterized by a very low
latency (as low as 200 mS) to transfer data from the low
power state.
2.3.3
ACTIVE STATE
The Active state is identified as one of two states where
the radio circuitry is fully on. There is the Receive state
(RX ON) and the Transmit state (TX ON).
VDD
Time
2.7 V
300 ms minimum
<5 ms
Power On Ramp
(System Dependent)
MRF24WB0MA
Internal Boot
Ready for
Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com