Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90437LPF Datasheet(PDF) 39 Page - fujitsu semiconductor

Part # MB90437LPF
Description  16-bit Proprietary Microcontroller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90437LPF Datasheet(HTML) 39 Page - fujitsu semiconductor

Back Button MB90437LPF Datasheet HTML 35Page - fujitsu semiconductor MB90437LPF Datasheet HTML 36Page - fujitsu semiconductor MB90437LPF Datasheet HTML 37Page - fujitsu semiconductor MB90437LPF Datasheet HTML 38Page - fujitsu semiconductor MB90437LPF Datasheet HTML 39Page - fujitsu semiconductor MB90437LPF Datasheet HTML 40Page - fujitsu semiconductor MB90437LPF Datasheet HTML 41Page - fujitsu semiconductor MB90437LPF Datasheet HTML 42Page - fujitsu semiconductor MB90437LPF Datasheet HTML 43Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
MB90435 Series
DS07-13727-2E
39
(5) Bus Timing (Read)
(MB90F438L (S) /437L (S) /438L (S) : VCC
= 3.5 V to 5.5 V, VSS = AVSS = 0.0 V, TA = −40 °C to +105 °C)
(MB90F439 (S) /439 (S) /V540G : VCC
= 5.0 V ± 10%, VSS = AVSS = 0.0 V, TA = −40 °C to +105 °C)
Parameter
Symbol
Pin name
Condition
Value
Units
Remarks
Min
Max
ALE pulse width
tLHLL
ALE
⎯
tCP/2
− 20
⎯
ns
Valid address
→ALE↓time
tAVLL
ALE,
A16 to A23,
AD00 to AD15
tCP/2
− 20
⎯
ns
ALE
↓→Address valid time
tLLAX
ALE,
AD00 to AD15
tCP/2
− 15
⎯
ns
Valid address
→RD↓time
tAVRL
A16 toA23,
AD00 to AD15,
RD
tCP
− 15
⎯
ns
Valid address
→Valid data
input
tAVDV
A16 to A23,
AD00 to AD15
⎯
5 tCP/2
− 60
ns
RD pulse width
tRLRH
RD
3 tCP/2
− 20
⎯
ns
RD
↓→Valid data input
tRLDV
RD,
AD00 to AD15
⎯
3 tCP/2
− 60
ns
RD
↑→Data hold time
tRHDX
RD,
AD00 to AD15
0
⎯
ns
RD
↑→ALE↑time
tRHLH
RD, ALE
tCP/2
− 15
⎯
ns
RD
↑→Address valid time
tRHAX
RD, A16 to A23
tCP/2
− 10
⎯
ns
Valid address
→CLK↑time
tAVCH
A16 to A23,
AD00 to AD15,
CLK
tCP/2
− 20
⎯
ns
RD
↓→CLK↑time
tRLCH
RD, CLK
tCP/2
− 20
⎯
ns
ALE
↓→RD↓time
tLLRL
ALE, RD
tCP/2
− 15
⎯
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com