Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90437LPF Datasheet(PDF) 23 Page - fujitsu semiconductor

Part # MB90437LPF
Description  16-bit Proprietary Microcontroller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90437LPF Datasheet(HTML) 23 Page - fujitsu semiconductor

Back Button MB90437LPF Datasheet HTML 19Page - fujitsu semiconductor MB90437LPF Datasheet HTML 20Page - fujitsu semiconductor MB90437LPF Datasheet HTML 21Page - fujitsu semiconductor MB90437LPF Datasheet HTML 22Page - fujitsu semiconductor MB90437LPF Datasheet HTML 23Page - fujitsu semiconductor MB90437LPF Datasheet HTML 24Page - fujitsu semiconductor MB90437LPF Datasheet HTML 25Page - fujitsu semiconductor MB90437LPF Datasheet HTML 26Page - fujitsu semiconductor MB90437LPF Datasheet HTML 27Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 60 page
background image
MB90435 Series
DS07-13727-2E
23
(Continued)
Address
Register
Abbreviation Access
Resource name
Initial value
A2H to A4H
Prohibited
A5H
Automatic ready function select register
ARSR
W
External Memory
Access
0 0 1 1 _ _ 0 0B
A6H
External address output control register
HACR
W
0 0 0 0 0 0 0 0B
A7H
Bus control signal selection register
ECSR
W
0 0 0 0 0 0 0 _B
A8H
Watchdog Timer control register
WDTC
R/W
Watchdog Timer
XXXXX 1 1 1B
A9H
Time Base Timer Control register
TBTC
R/W
Time Base Timer
1 - - 0 0 1 0 0B
AAH
Watch timer control register
WTC
R/W
Watch Timer
1 X 0 0 0 0 0 0B
ABH to ADH
Prohibited
AEH
Flash memory control status register
(Flash only, otherwise reserved)
FMCS
R/W
Flash Memory
0 0 0 X 0 0 0 0B
AFH
Prohibited
B0H
Interrupt control register 00
ICR00
R/W
Interrupt
controller
0 0 0 0 0 1 1 1B
B1H
Interrupt control register 01
ICR01
R/W
0 0 0 0 0 1 1 1B
B2H
Interrupt control register 02
ICR02
R/W
0 0 0 0 0 1 1 1B
B3H
Interrupt control register 03
ICR03
R/W
0 0 0 0 0 1 1 1B
B4H
Interrupt control register 04
ICR04
R/W
0 0 0 0 0 1 1 1B
B5H
Interrupt control register 05
ICR05
R/W
0 0 0 0 0 1 1 1B
B6H
Interrupt control register 06
ICR06
R/W
0 0 0 0 0 1 1 1B
B7H
Interrupt control register 07
ICR07
R/W
0 0 0 0 0 1 1 1B
B8H
Interrupt control register 08
ICR08
R/W
0 0 0 0 0 1 1 1B
B9H
Interrupt control register 09
ICR09
R/W
0 0 0 0 0 1 1 1B
BAH
Interrupt control register 10
ICR10
R/W
0 0 0 0 0 1 1 1B
BBH
Interrupt control register 11
ICR11
R/W
0 0 0 0 0 1 1 1B
BCH
Interrupt control register 12
ICR12
R/W
0 0 0 0 0 1 1 1B
BDH
Interrupt control register 13
ICR13
R/W
0 0 0 0 0 1 1 1B
BEH
Interrupt control register 14
ICR14
R/W
0 0 0 0 0 1 1 1B
BFH
Interrupt control register 15
ICR15
R/W
0 0 0 0 0 1 1 1B
C0H to FFH
External



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com