Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS1174IPAPR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1174IPAPR
Description  Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1174IPAPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS1174IPAPR Datasheet HTML 5Page - Texas Instruments ADS1174IPAPR Datasheet HTML 6Page - Texas Instruments ADS1174IPAPR Datasheet HTML 7Page - Texas Instruments ADS1174IPAPR Datasheet HTML 8Page - Texas Instruments ADS1174IPAPR Datasheet HTML 9Page - Texas Instruments ADS1174IPAPR Datasheet HTML 10Page - Texas Instruments ADS1174IPAPR Datasheet HTML 11Page - Texas Instruments ADS1174IPAPR Datasheet HTML 12Page - Texas Instruments ADS1174IPAPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
OVERVIEW
DS
Modulator1
Digital
Filter1
VREFP
V
IN1
VREFN
V
REF
S
TEST[1:0]
FORMAT[2:0]
CLK
SYNC
PWDN
(1)
[4:1]/[8:1]
CLKDIV
MODE
DRDY/FSYNC
SCLK
DOUT[4:1]/[8:1]
(1)
DIN
SPI
and
Frame-Sync
Interface
Control
Logic
AINP1
AINN1
VCOM
S
DS
Modulator2
Digital
Filter2
V
IN2
S
AINP2
AINN2
DS
Modulator4/8
(1)
Digital
Filter4/8
(1)
V
IN4/8
S
AINP4/8
(1)
AINN4/8
(1)
DVDD
AVDD
AGND
DGND
IOVDD
R
R
NOTE:(1)TheADS1174hasfourchannels;theADS1178haseightchannels.
ADS1174
ADS1178
www.ti.com ........................................................................................................................................ SBAS373B – OCTOBER 2007 – REVISED SEPTEMBER 2008
To allow tradeoffs between speed and power, two
The ADS1174 (quad) and ADS1178 (octal) are 16-bit,
modes of operation are supported: High-Speed and
delta-sigma ADCs. They offer the combination of
Low-Power. Table 1 summarizes the performance of
excellent
linearity,
low
noise,
and
low
power
each mode.
consumption. Figure 1 shows the block diagram. Note
that both devices are the same, except the ADS1174
In High-Speed mode, the data rate is 52kSPS, and in
has four ADCs, and the ADS1178 has eight ADCs.
Low-Power mode, the power dissipation is only
The pinout and package of the ADS1178 are
7mW/channel at 10.5kSPS.
compatible
with
the
ADS1174
(and
the
24-bit
The ADS1174/78 is configured by simply setting the
ADS1274
and
ADS1278),
permitting
drop-in
appropriate I/O pins—there are no registers to
expandability
or
upgrades.
The
converters
are
program. Data are retrieved over a serial interface
comprised
of
either
four
(ADS1174)
or
eight
that supports both SPI and Frame-Sync formats. The
(ADS1178) advanced, 6th-order, chopper-stabilized,
ADS1174/78 has a daisy-chainable output and the
delta-sigma modulators followed by low-ripple, linear
ability to synchronize externally, so it can be used
phase FIR filters. The modulators measure the
conveniently in systems requiring more than eight
differential input signal, VIN = (AINP – AINN), against
channels.
the differential reference, VREF = (VREFP – VREFN).
The digital filters receive the modulator signal and
provide a low-noise digital output.
Figure 1. ADS1174/ADS1178 Block Diagram
Table 1. Operating Mode Performance Summary
POWER DISSIPATION
DATA RATE
PASSBAND
SNR
NOISE
PER CHANNEL(1)
MODE
(SPS)
(Hz)
(dB)
(LSBPP)
(mW)
High-Speed
52,734
23,889
97
1
31
Low-Power
10,547
4,778
97
1
7
(1)
Measured with all channels operating.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): ADS1174 ADS1178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com