Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS1174IPAPR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1174IPAPR
Description  Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1174IPAPR Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADS1174IPAPR Datasheet HTML 8Page - Texas Instruments ADS1174IPAPR Datasheet HTML 9Page - Texas Instruments ADS1174IPAPR Datasheet HTML 10Page - Texas Instruments ADS1174IPAPR Datasheet HTML 11Page - Texas Instruments ADS1174IPAPR Datasheet HTML 12Page - Texas Instruments ADS1174IPAPR Datasheet HTML 13Page - Texas Instruments ADS1174IPAPR Datasheet HTML 14Page - Texas Instruments ADS1174IPAPR Datasheet HTML 15Page - Texas Instruments ADS1174IPAPR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
ESDProtection
AVDD
AGND
AVDD
AINP
9pF
AINN
AGND
S
1
S
1
S
2
ON
OFF
S
1
ON
OFF
S
2
t
SAMPLE
MOD
=1/f
AINP
AINN
Z
=14k
eff
MO
W ´ (6.75MHz/f
D)
ADS1174
ADS1178
SBAS373B – OCTOBER 2007 – REVISED SEPTEMBER 2008 ........................................................................................................................................ www.ti.com
While the ADS1174/78 measures the differential input
signal, the absolute input voltage is also important.
This is the voltage on either input (AINP or AINN)
with respect to AGND. The range for this voltage is:
–0.1V < (AINN or AINP) < AVDD + 0.1V
If either input is taken below –0.4V or above (AVDD +
0.4), ESD protection diodes on the inputs may turn
on.
If these conditions are possible, external Schottky
clamp diodes or series resistors may be required to
limit the input current to safe levels (see Absolute
Maximum Ratings table).
The ADS1174/78 is a high-performance ADC. For
optimum performance, it is critical that the appropriate
circuitry be used to drive the ADS1174/78 inputs. See
Figure 7. Equivalent Analog Input Circuitry
the
Applications
Information
section
for
the
recommended circuits.
The ADS1174/78 uses switched-capacitor circuitry to
measure the input voltage. Internal capacitors are
charged by the inputs and then discharged. Figure 7
shows a conceptual diagram of these circuits. Switch
S2 represents the net effect of the modulator circuitry
in discharging the sampling capacitor; the actual
Figure 8. S1 and S2 Switch Timing for Figure 7
implementation is different. The timing for switches S1
and S2 is shown in Figure 8. The sampling time
(tSAMPLE) is the inverse of modulator sampling
Table 3. Modulator Frequency (fMOD) versus Mode
frequency (fMOD) and is a function of the mode, the
Selection
CLKDIV input, and frequency of CLK, as shown in
MODE SELECTION
CLKDIV
fMOD
Table 3.
1
fCLK/8
The
average
load
presented
by
the
switched
High-Speed
0
fCLK/4
capacitor input can be modeled with an effective
differential impedance, as shown in Figure 9. Note
1
fCLK/40
Low-Power
that the effective impedance is a function of fMOD.
0
fCLK/8
Figure 9. Effective Input Impedances
12
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): ADS1174 ADS1178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com