Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP14E3 Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP14E3
Description  4.0A Dual High-Speed Power MOSFET Drivers With Enable
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14E3 Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP14E3 Datasheet HTML 18Page - Microchip Technology MCP14E3 Datasheet HTML 19Page - Microchip Technology MCP14E3 Datasheet HTML 20Page - Microchip Technology MCP14E3 Datasheet HTML 21Page - Microchip Technology MCP14E3 Datasheet HTML 22Page - Microchip Technology MCP14E3 Datasheet HTML 23Page - Microchip Technology MCP14E3 Datasheet HTML 24Page - Microchip Technology MCP14E3 Datasheet HTML 25Page - Microchip Technology MCP14E3 Datasheet HTML 26Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
© 2008 Microchip Technology Inc.
DS22062B-page 23
MCP14E3/MCP14E4/MCP14E5
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP14E3:
4.0A Dual MOSFET Driver, Inverting
MCP14E3T: 4.0A Dual MOSFET Driver, Inverting
Tape and Reel
MCP14E4:
4.0A Dual MOSFET Driver, Non-Inverting
MCP14E4T: 4.0A Dual MOSFET Driver, Non-Inverting
Tape and Reel
MCP14E5:
4.0A Dual MOSFET Driver, Complementary
MCP14E5T: 4.0A Dual MOSFET Driver, Complementary
Tape and Reel
Temperature Range:
E
=
-40°C to +125°C
Package: *
MF
= Dual, Flat, No-Lead (6x5 mm Body), 8-lead
P
= Plastic DIP, (300 mil body), 8-lead
SN
= Plastic SOIC (150 mil Body), 8-Lead
* All package offerings are Pb Free (Lead Free)
Examples:
a)
MCP14E3-E/MF:
4.0A Dual Inverting
MOSFET Driver,
8LD DFN package.
b)
MCP14E3-E/P:
4.0A Dual Inverting
MOSFET Driver,
8LD PDIP package.
c)
MCP14E3-E/SN:
4.0A Dual Inverting
MOSFET Driver,
8LD SOIC package.
a)
MCP14E4-E/MF:
4.0A Dual Non-Inverting
MOSFET Driver,
8LD DFN package.
b)
MCP14E4-E/P:
4.0A Dual Non-Inverting
MOSFET Driver,
8LD PDIP package.
c)
MCP14E4T-E/SN: Tape and Reel,
4.0A Dual Non-Inverting
MOSFET Driver,
8LD SOIC package.
a)
MCP14E5T-E/MF: Tape and Reel,
4.0A Dual Complementary
MOSFET Driver,
8LD DFN package.
b)
MCP14E5-E/P:
4.0A Dual Complementary
MOSFET Driver,
8LD PDIP package.
c)
MCP14E5-E/SN:
4.0A Dual Complementary
MOSFET Driver,
8LD SOIC package.
PART NO.
X
XX
Package
Temperature
Range
Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com