Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM3Z2V2B Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # MM3Z2V2B
Description  ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

MM3Z2V2B Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  MM3Z2V2B Datasheet HTML 1Page - EIC discrete Semiconductors MM3Z2V2B Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MM3Z2V0B - MM3Z39B
ZENER DIODES
VZ : 2.0 to 39 V
PD : 300 mW
FEATURES :
* Total power dissipation : max. 300 mW
* Small plastic package suitable for
surface mount design
* High reliability
* Pb / RoHS Free
MECHANICAL DATA :
Case:
SOD-323 Plastic Package
Weight:
approx. 0.004g
Maximum Ratings and Thermal Characteristics (Ta = 25 °C)
Symbol
Value
Unit
Power Dissipation
PD
300
mW
Forward Voltage at VF = 10 mA
VF
0.9
V
Thermal Resistance Junction to Ambient Air
RӨJA
0.3
K/mW
Junction Temperature Range
TJ
150
°C
Storage Temperature Range
TSTG
-55 to + 150
°C
Page 1 of 2
Rev. 00 : March 7, 2007
Parameter
2.80
2.30
1.80
1.60
Dimensions in millimeters
SOD-323
Certificate : TH97/10561QM
Certificate : TW00/17276EM


Similar Part No. - MM3Z2V2B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
MM3Z2V2B HTSEMI-MM3Z2V2B Datasheet
675Kb / 4P
Silicon Planar Zener Diodes
logo
EIC discrete Semiconduc...
MM3Z2V2B EIC-MM3Z2V2B Datasheet
119Kb / 2P
ZENER DIODES
logo
Shanghai Leiditech Elec...
MM3Z2V2B LEIDITECH-MM3Z2V2B Datasheet
832Kb / 4P
Silicon Planar zener diodes
logo
Shanghai Shunye Electro...
MM3Z2V2BW SHUNYE-MM3Z2V2BW Datasheet
903Kb / 4P
200mW Surface Mount Zener Diode
More results

Similar Description - MM3Z2V2B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
ZENER DIODES DIODES ZENER
logo
EIC discrete Semiconduc...
1N4728CG EIC-1N4728CG Datasheet
33Kb / 2P
ZENER DIODES
HZ6L EIC-HZ6L Datasheet
30Kb / 2P
ZENER DIODES
logo
Fairchild Semiconductor
FLZ2V2_0609 FAIRCHILD-FLZ2V2_0609 Datasheet
625Kb / 8P
Zener Diodes
logo
Galaxy Semi-Conductor H...
BZG03C BILIN-BZG03C Datasheet
106Kb / 3P
ZENER DIODES
DL4728 BILIN-DL4728 Datasheet
195Kb / 3P
ZENER DIODES
BZY97 BILIN-BZY97 Datasheet
239Kb / 5P
ZENER DIODES
U1ZB6.8 BILIN-U1ZB6.8 Datasheet
155Kb / 3P
ZENER DIODES
logo
GOOD-ARK Electronics
ZPD1 GOOD-ARK-ZPD1 Datasheet
414Kb / 9P
Zener Diodes
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
ZENER DIODES Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com