Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M48T59V-70PC1F Datasheet(PDF) 23 Page - STMicroelectronics

Part # M48T59V-70PC1F
Description  5.0 or 3.3 V, 64 Kbit (8 Kbit x 8) TIMEKEEPER짰 SRAM
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T59V-70PC1F Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M48T59V-70PC1F Datasheet HTML 19Page - STMicroelectronics M48T59V-70PC1F Datasheet HTML 20Page - STMicroelectronics M48T59V-70PC1F Datasheet HTML 21Page - STMicroelectronics M48T59V-70PC1F Datasheet HTML 22Page - STMicroelectronics M48T59V-70PC1F Datasheet HTML 23Page - STMicroelectronics M48T59V-70PC1F Datasheet HTML 24Page - STMicroelectronics M48T59V-70PC1F Datasheet HTML 25Page - STMicroelectronics M48T59V-70PC1F Datasheet HTML 26Page - STMicroelectronics M48T59V-70PC1F Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
M48T59, M48T59Y, M48T59V
DC and AC parameters
23/32
Table 11.
DC characteristics
Figure 14.
Power down/up mode AC waveforms
Symbol
Parameter
Test condition(1)
1.
Valid for ambient operating temperature: TA = 0 to 70°C; VCC = 4.5 to 5.5 V, 4.75 to 5.5 V, or 3.0 to 3.6 V (except where
noted).
M48T59/Y
M48T59V
Unit
Min
Max
Min
Max
ILI
Input leakage current
0V
≤ VIN ≤ VCC
±1
±1
µA
ILO
(2)
2.
Outputs deselected.
Output leakage current
0V
≤ VOUT ≤ VCC
±1
±1
µA
ICC
Supply current
Outputs open
50
30
mA
ICC1
Supply current (standby) TTL
E = VIH
32
mA
ICC2
Supply current (standby) CMOS
E = VCC – 0.2 V
3
1
mA
VIL
Input low voltage
–0.3
0.8
–0.3
0.8
V
VIH
Input high voltage
2.2
VCC + 0.3
2
VCC + 0.3
V
VOL
Output low voltage
IOL = 2.1 mA
0.4
0.4
V
Output low voltage (IRQ/FT and
RST)(3)
3.
The IRQ/FT and RST pins are open drain.
IOL = 10 mA
0.4
0.4
V
VOH
Output high voltage
IOH = –1 mA
2.4
2.4
V
AI03258
VCC
INPUTS
RST
OUTPUTS
DON'T CARE
HIGH-Z
tF
tFB
tR
trec
tRB
tDR
VALID
VALID
VPFD (max)
VPFD (min)
VSO
tPD
RECOGNIZED
RECOGNIZED
(PER CONTROL INPUT)
(PER CONTROL INPUT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com