Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M48T59V-70PC1F Datasheet(PDF) 29 Page - STMicroelectronics

Part # M48T59V-70PC1F
Description  5.0 or 3.3 V, 64 Kbit (8 Kbit x 8) TIMEKEEPER짰 SRAM
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T59V-70PC1F Datasheet(HTML) 29 Page - STMicroelectronics

Back Button M48T59V-70PC1F Datasheet HTML 24Page - STMicroelectronics M48T59V-70PC1F Datasheet HTML 25Page - STMicroelectronics M48T59V-70PC1F Datasheet HTML 26Page - STMicroelectronics M48T59V-70PC1F Datasheet HTML 27Page - STMicroelectronics M48T59V-70PC1F Datasheet HTML 28Page - STMicroelectronics M48T59V-70PC1F Datasheet HTML 29Page - STMicroelectronics M48T59V-70PC1F Datasheet HTML 30Page - STMicroelectronics M48T59V-70PC1F Datasheet HTML 31Page - STMicroelectronics M48T59V-70PC1F Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
M48T59, M48T59Y, M48T59V
Part numbering
29/32
7
Part numbering
Table 18.
Ordering information scheme
Caution:
Do not place the SNAPHAT battery package “M4TXX-BR12SH” in conductive foam as it will
drain the lithium button-cell battery.
For other options, or for more information on any aspect of this device, please contact the
ST sales office nearest you.
Example:
M48T
59Y
–70
MH
1
E
Device type
M48T
Supply voltage and write protect voltage
59(1) = VCC = 4.75 to 5.5 V; VPFD = 4.5 to 4.75 V
1.
The M48T59 part is offered with the PCDIP28 (e.g., CAPHAT™) package only.
59Y = VCC = 4.5 to 5.5 V; VPFD = 4.2 to 4.5 V
59V(2) = VCC = 3.0 to 3.6 V; VPFD = 2.7 to 3.0 V
2.
Contact local ST sales office for availability of 3.3 V version.
Speed
–70 = 70 ns
Package
PC = PCDIP28
MH(3) = SOH28
3.
The SOIC package (SOH28) requires the SNAPHAT® battery/crystal package which is ordered
separately under the part number “M4TXX-BR12SH” in plastic tube or “M4TXX-BR12SHTR” in
tape & reel form (see Table 19).
Temperature range
1 = 0 to 70°C
Shipping method
For SOH28:
E = Lead-free package (ECOPACK®), tubes
F = Lead-free package (ECOPACK®), tape & reel
For PCDIP28:
blank = tubes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com