Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LK112M29TR Datasheet(PDF) 7 Page - STMicroelectronics

Part # LK112M29TR
Description  Low noise low drop voltage regulator with shutdown function
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LK112M29TR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LK112M29TR Datasheet HTML 3Page - STMicroelectronics LK112M29TR Datasheet HTML 4Page - STMicroelectronics LK112M29TR Datasheet HTML 5Page - STMicroelectronics LK112M29TR Datasheet HTML 6Page - STMicroelectronics LK112M29TR Datasheet HTML 7Page - STMicroelectronics LK112M29TR Datasheet HTML 8Page - STMicroelectronics LK112M29TR Datasheet HTML 9Page - STMicroelectronics LK112M29TR Datasheet HTML 10Page - STMicroelectronics LK112M29TR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
LK112xx
Typical characteristics
7/17
5
Typical characteristics
(Unless otherwise specified, TJ = 25 °C, CI = 1 µF, CO = 2.2 µF, CBYP = 100 nF)
Figure 3.
Output voltage vs temperature
Figure 4.
Output voltage vs temperature
Figure 5.
Line regulation vs temperature
Figure 6.
Load regulation vs temperature
Figure 7.
Dropout voltage vs temperature
Figure 8.
Short circuit current vs dropout
voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com