Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LK112M29TR Datasheet(PDF) 4 Page - STMicroelectronics

Part # LK112M29TR
Description  Low noise low drop voltage regulator with shutdown function
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LK112M29TR Datasheet(HTML) 4 Page - STMicroelectronics

  LK112M29TR Datasheet HTML 1Page - STMicroelectronics LK112M29TR Datasheet HTML 2Page - STMicroelectronics LK112M29TR Datasheet HTML 3Page - STMicroelectronics LK112M29TR Datasheet HTML 4Page - STMicroelectronics LK112M29TR Datasheet HTML 5Page - STMicroelectronics LK112M29TR Datasheet HTML 6Page - STMicroelectronics LK112M29TR Datasheet HTML 7Page - STMicroelectronics LK112M29TR Datasheet HTML 8Page - STMicroelectronics LK112M29TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Pin configuration
LK112xx
4/17
2
Pin configuration
Figure 2.
Pin connection (top view)
Table 2.
Pin description
Pin n°
Symbol
Note
1
SHDN
Shutdown input: disables the regulator when is connected to GND or to positive
voltage less than 0.6 V
2GND
Ground pin: Internally connected to the die attach flag to decrease the total thermal
resistance and increase the package ability to dissipate power.
3
Bypass
Bypass pin: bypass with 0.1 µF to improve the VREF thermal noise performances.
4
OUT
Output port
5
IN
Input port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com