Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AUIPS2052G Datasheet(PDF) 5 Page - International Rectifier

Part # AUIPS2052G
Description  INTELLIGENT POWER LOW SIDE SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIPS2052G Datasheet(HTML) 5 Page - International Rectifier

  AUIPS2052G Datasheet HTML 1Page - International Rectifier AUIPS2052G Datasheet HTML 2Page - International Rectifier AUIPS2052G Datasheet HTML 3Page - International Rectifier AUIPS2052G Datasheet HTML 4Page - International Rectifier AUIPS2052G Datasheet HTML 5Page - International Rectifier AUIPS2052G Datasheet HTML 6Page - International Rectifier AUIPS2052G Datasheet HTML 7Page - International Rectifier AUIPS2052G Datasheet HTML 8Page - International Rectifier AUIPS2052G Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AUIPS2051L/AUIPS2052G
Lead Assignments
1- In
2- D
3- S
(2) D
1 2 3
SOT223
1 2 3 4
SO8
8 7 6 5
1- S1
2- In1
3- S2
4- In2
5-6 D2
7-8 D1
Functional Block Diagram
All values are typical
IN
S
R
Q
6V
Tj > 165°C
DRAIN
SOURCE
66V
1k
Ω
I > Isd
75
Ω
75V
Q
20k
Ω
www.irf.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com