Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AUIPS2052G Datasheet(PDF) 1 Page - International Rectifier

Part # AUIPS2052G
Description  INTELLIGENT POWER LOW SIDE SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIPS2052G Datasheet(HTML) 1 Page - International Rectifier

  AUIPS2052G Datasheet HTML 1Page - International Rectifier AUIPS2052G Datasheet HTML 2Page - International Rectifier AUIPS2052G Datasheet HTML 3Page - International Rectifier AUIPS2052G Datasheet HTML 4Page - International Rectifier AUIPS2052G Datasheet HTML 5Page - International Rectifier AUIPS2052G Datasheet HTML 6Page - International Rectifier AUIPS2052G Datasheet HTML 7Page - International Rectifier AUIPS2052G Datasheet HTML 8Page - International Rectifier AUIPS2052G Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
March, 23rd 2009
Automotive grade
AUIPS2051L/AUIPS2052G
www.irf.com
1
INTELLIGENT POWER LOW SIDE SWITCH
Features
•
Over temperature shutdown
Over current shutdown
•
•
Active clamp
e
•
Low current & logic lev l input
On/Off for EMI
/AUIPS2052G
is
a
three
terminal
•
ESD protection
•
Optimized Turn
•
Diagnostic on the input current
Description
The
AUIPS2051L
Intelligent Power Switch (IPS) that features a low side
MOSFET
with
over-current,
over-temperature,
ESD
protection and drain to source active clamp. The
AUIPS2052 is a dual channel device while the AUIPS2051
is a single channel.This device offers protections and the
high reliability required in harsh environments. The switch
provides efficient protection by turning OFF the power
MOSFET when the temperature exceeds 165°C or when
the drain current reaches 1.8A. The device restarts once
the input is cycled. A serial resistance connected to the
input provides the diagnostic. The avalanche capability is
significantly enhanced by the active clamp and covers
most inductive load demagnetizations.
Product Summary
Rds(on)
300mΩ (max.)
Vclamp
70V
Ishutdown
1.8A (typ.)
Packages
SOT223
SO-8
AUIPS2051L
AUIPS2052G
Typical Connection
S
Control
IN
D
Input R
Load
+Bat
Input Signal
V Diag
2
3
1


Similar Part No. - AUIPS2052G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIPS2052G INFINEON-AUIPS2052G Datasheet
773Kb / 16P
INTELLIGENT POWER LOW SIDE SWITCH
May 9th, 2012 Revision F
More results

Similar Description - AUIPS2052G

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IPS1011 IRF-IPS1011 Datasheet
196Kb / 13P
INTELLIGENT POWER LOW SIDE SWITCH
IPS2041RPBF IRF-IPS2041RPBF Datasheet
1Mb / 12P
INTELLIGENT POWER LOW SIDE SWITCH
IPS2041RLPBF IRF-IPS2041RLPBF Datasheet
1Mb / 13P
INTELLIGENT POWER LOW SIDE SWITCH
AUIPS1021S IRF-AUIPS1021S Datasheet
641Kb / 17P
INTELLIGENT POWER LOW SIDE SWITCH
AUIPS2031R IRF-AUIPS2031R Datasheet
246Kb / 14P
INTELLIGENT POWER LOW SIDE SWITCH
IPS1031SPBF IRF-IPS1031SPBF Datasheet
796Kb / 14P
INTELLIGENT POWER LOW SIDE SWITCH
IPS1021PBF IRF-IPS1021PBF Datasheet
799Kb / 14P
INTELLIGENT POWER LOW SIDE SWITCH
IPS2041LTRPBF IRF-IPS2041LTRPBF Datasheet
1Mb / 13P
INTELLIGENT POWER LOW SIDE SWITCH
AUIPS1031 IRF-AUIPS1031_15 Datasheet
641Kb / 17P
INTELLIGENT POWER LOW SIDE SWITCH
logo
Infineon Technologies A...
AUIPS2051L INFINEON-AUIPS2051L Datasheet
773Kb / 16P
INTELLIGENT POWER LOW SIDE SWITCH
May 9th, 2012 Revision F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com