Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M40SZ100WMH6F Datasheet(PDF) 19 Page - STMicroelectronics

Part # M40SZ100WMH6F
Description  5 V or 3 V NVRAM supervisor for LPSRAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M40SZ100WMH6F Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M40SZ100WMH6F Datasheet HTML 15Page - STMicroelectronics M40SZ100WMH6F Datasheet HTML 16Page - STMicroelectronics M40SZ100WMH6F Datasheet HTML 17Page - STMicroelectronics M40SZ100WMH6F Datasheet HTML 18Page - STMicroelectronics M40SZ100WMH6F Datasheet HTML 19Page - STMicroelectronics M40SZ100WMH6F Datasheet HTML 20Page - STMicroelectronics M40SZ100WMH6F Datasheet HTML 21Page - STMicroelectronics M40SZ100WMH6F Datasheet HTML 22Page - STMicroelectronics M40SZ100WMH6F Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
M40SZ100Y, M40SZ100W
Package mechanical data
Doc ID 7528 Rev 3
19/24
Figure 13.
SOH28 – 28-lead plastic small outline, 4-socket battery SNAPHAT,
package outline
Note:
Drawing is not to scale.
SOH-A
E
N
D
C
L
A1
α
1
H
A
CP
Be
A2
eB
Table 9.
SOH28 – 28-lead plastic small outline, battery SNAPHAT, pack. mech.
data
Symbol
mm
inches
Typ
Min
Max
Typ
Min
Max
A3.05
0.120
A1
0.05
0.36
0.002
0.014
A2
2.34
2.69
0.092
0.106
B
0.36
0.51
0.014
0.020
C
0.15
0.32
0.006
0.012
D
17.71
18.49
0.697
0.728
E
8.23
8.89
0.324
0.350
e1.27–
–
0.050
–
–
eB
3.20
3.61
0.126
0.142
H
11.51
12.70
0.453
0.500
L
0.41
1.27
0.016
0.050
a
0°8°
0°8°
N28
28
CP
0.10
0.004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com