Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M40SZ100WMH6F Datasheet(PDF) 21 Page - STMicroelectronics

Part # M40SZ100WMH6F
Description  5 V or 3 V NVRAM supervisor for LPSRAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M40SZ100WMH6F Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M40SZ100WMH6F Datasheet HTML 16Page - STMicroelectronics M40SZ100WMH6F Datasheet HTML 17Page - STMicroelectronics M40SZ100WMH6F Datasheet HTML 18Page - STMicroelectronics M40SZ100WMH6F Datasheet HTML 19Page - STMicroelectronics M40SZ100WMH6F Datasheet HTML 20Page - STMicroelectronics M40SZ100WMH6F Datasheet HTML 21Page - STMicroelectronics M40SZ100WMH6F Datasheet HTML 22Page - STMicroelectronics M40SZ100WMH6F Datasheet HTML 23Page - STMicroelectronics M40SZ100WMH6F Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
M40SZ100Y, M40SZ100W
Package mechanical data
Doc ID 7528 Rev 3
21/24
Figure 15.
SH – 4-pin SNAPHAT housing for 120 mAh battery, package outline
Note:
Drawing is not to scale.
Table 11.
SH – 4-pin SNAPHAT housing for 120 mAh battery, package mechanical data
SHZP-A
A1
A
D
E
eA
eB
A2
B
L
A3
Symbol
mm
inches
Typ
Min
Max
Typ
Min
Max
A
10.54
0.415
A1
8.00
8.51
0.315
0.335
A2
7.24
8.00
0.285
0.315
A3
0.38
0.015
B
0.46
0.56
0.018
0.022
D
21.21
21.84
0.835
0.860
E
17.27
18.03
0.680
0.710
eA
15.55
15.95
0.612
0.628
eB
3.20
3.61
0.126
0.142
L
2.03
2.29
0.080
0.090



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com