Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STV2236 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STV2236
Description  I²C bus-controlled multistandard single chip TV processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2236 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STV2236 Datasheet HTML 2Page - STMicroelectronics STV2236 Datasheet HTML 3Page - STMicroelectronics STV2236 Datasheet HTML 4Page - STMicroelectronics STV2236 Datasheet HTML 5Page - STMicroelectronics STV2236 Datasheet HTML 6Page - STMicroelectronics STV2236 Datasheet HTML 7Page - STMicroelectronics STV2236 Datasheet HTML 8Page - STMicroelectronics STV2236 Datasheet HTML 9Page - STMicroelectronics STV2236 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 86 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STV224X, STV228X, STV223X - GENERAL DESCRIPTION
6/86
1 GENERAL DESCRIPTION
1.1 INTRODUCTION
The STV224XH/228XH/223XH are fully bus-controlled ICs for TV that include PIF, SIF, Luma, Chroma
and Deflection processing functions. Used with a vertical frame booster (TDA8174A for a 90° chassis,
STV9306 for a 110° chassis), they allow multistandard (BGDKIMNLL’, PAL/SECAM/NTSC) sets to be de-
signed with very few external components and no manual adjustments.
1.2 PIN DESCRIPTION
Table 1. Pin Configuration
Package
Application
PAL/NTSC
Intercarrier
PAL/NTSC
QSS/Intercarrier
PAL/SECAM/NTSC
QSS/Intercarrier
AM
PAL/SECAM/NTSC
QSS/Intercarrier
SHRINK56
STV2246H/86H
STV2247H
STV2248H
STV2249H
TQFP64
STV2236H
STV2237H
STV2238H
STV2239H
Function
2246H/36H
2286H
2247H/37H 2248H/38H 2249H/39H
PAL/SECAM/NTSC
XX
PAL/NTSC
X
X
X
QSS/Intercarrier
X
X
X
Intercarrier Only
X
X
AM
X
Audio FM Wide mode with QSS Application
X
X
X
1 EXT RGB Input (OSD)
X
OSD RGB Inputs & RGBEXT/YCrCb Inputs
X
X
X
X
PIN
Symbol
Description
STV224XH/228XH
STV223XH
SDIP56
TQFP64
1
8
SIFIN1
SIF Input (Please refer to Note 1)
2
9
SIFIN2
SIF Input (Please refer to Note 1)
3
10
AGCSIFCAP
AGC SIF Capacitor (Please refer to Note 1)
411
VREFIF
Voltage Reference Filtering
5
12
AGCPIFCAP
AGC PIF Capacitor
6
13
PIFIN1
PIF Input
7
14
PIFIN2
PIF Input
-
15
SAW
Filter Switch Control
8
16
TUNERAGCOUT
AGC Tuner Output
9
17
IFPLL
IF PLL Filter
10
18
GNDIF
IF Ground
11
19
AM/FMOUT/SC
AM/FM Mono Sound or Stereo Carriers Output
12
20
VCCIF
5 V IF Supply
13
21
INTCVBSOUT
Internal CVBS Output
14
22
EXTAUDIOIN
External Audio Input
15
23
PIFLC1
LC Input
16
24
PIFLC2
LC Input
17
25
VCC2
Video/Luma Supply Voltage (8 V)
18
26
CVBSIN1
Internal Video Input
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com