Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STV2236 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STV2236
Description  I²C bus-controlled multistandard single chip TV processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2236 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STV2236 Datasheet HTML 3Page - STMicroelectronics STV2236 Datasheet HTML 4Page - STMicroelectronics STV2236 Datasheet HTML 5Page - STMicroelectronics STV2236 Datasheet HTML 6Page - STMicroelectronics STV2236 Datasheet HTML 7Page - STMicroelectronics STV2236 Datasheet HTML 8Page - STMicroelectronics STV2236 Datasheet HTML 9Page - STMicroelectronics STV2236 Datasheet HTML 10Page - STMicroelectronics STV2236 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 86 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STV224X, STV228X, STV223X - GENERAL DESCRIPTION
7/86
19
27
GND2
Video/Luma Ground
20
28
CVBSIN2
External Video Input
21
29
BS
Black Stretch Capacitor
22
34
Y/CVBSIN3
Y(SVHS) or CVBS3 External Input
23
35
CHR
Chroma (SVHS) Input
24
36
APR
Automatic RGB Peak Regulation
25
37
BEXT/Cb
External Blue Input or external Cb Input
(Please refer to Note 2)
26
38
GEXT/Y
External Green Input or external Y Input
(Please refer to Note 2)
27
39
REXT/Cr
External Red Input or external Cr Input
(Please refer to Note 2)
28
40
FBEXT
External Fast Blanking Input (Please refer to
Note 3)
29
41
NTBC/CVBSOUT1
Not To Be Connected or CVBS Output 1
(Please refer to Note 4)
30
43
BOUT
Blue Output
31
44
GOUT
Green Output
32
45
ROUT
Red Output
33
46
ICATH
Cathode Current Measurement Input
34
47
BOSD
OSD Blue Input
35
48
GOSD
OSD Green Input
36
49
ROSD
OSD Red Input
37
50
FBOSD/HC
OSD Fast Blanking Input / Half Contrast
38
52
XTAL3/BTUN
3.5X MHz Crystal or Bell Filter Tuning Capacitor
39
53
XTAL2
3.5X MHz Crystal
40
54
XTAL1
4.43/3.5X MHz Crystal
41
55
CLPF
Chroma PLL Filter
42
56
X1/VAMP/CHROUT
XTAL1 Control Pin, Vertical Amplitude DAC
Output and Chroma Reference Signal Output
43
57
GND1
Chroma/Scanning Ground
44
58
CVBSOUT2
Second Video Switch Output
45
59
VCC1
Chroma/Scanning Power Supply (8 V)
46
61
BCL/SAF
Beam Current Limiter Control Voltage and Safe-
ty Input (XRAY)
47
62
VERT
Vertical Output Pulse
48
63
HOUT
Horizontal Output Pulse
49
64
LFB/SSC
Line Flyback Input and Super-Sandcastle Out-
put
50
1
SLPF
Scanning PLL Filter
51
2
SCL
I²C Bus Clock Input
52
3
SDA
I²C Bus Data Input
53
4
VCCD
Digital Supply Voltage (5 V)
54
5
GNDD
Digital Ground
55
6
AUDIOOUT
Main Audio Output
56
7
FMCAP
FM Demodulation Capacitor
-
30
NC
Connection to GND recommended
PIN
Symbol
Description
STV224XH/228XH
STV223XH
SDIP56
TQFP64
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com