Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDK8307BILP64 Datasheet(PDF) 24 Page - Cadeka Microcircuits LLC.

Part # CDK8307BILP64
Description  12/13-bit, 20/40/50/65/80MSPS, Eight Channel, Ultra Low Power ADC with LVDS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK8307BILP64 Datasheet(HTML) 24 Page - Cadeka Microcircuits LLC.

Back Button CDK8307BILP64 Datasheet HTML 20Page - Cadeka Microcircuits LLC. CDK8307BILP64 Datasheet HTML 21Page - Cadeka Microcircuits LLC. CDK8307BILP64 Datasheet HTML 22Page - Cadeka Microcircuits LLC. CDK8307BILP64 Datasheet HTML 23Page - Cadeka Microcircuits LLC. CDK8307BILP64 Datasheet HTML 24Page - Cadeka Microcircuits LLC. CDK8307BILP64 Datasheet HTML 25Page - Cadeka Microcircuits LLC. CDK8307BILP64 Datasheet HTML 26Page - Cadeka Microcircuits LLC. CDK8307BILP64 Datasheet HTML 27Page - Cadeka Microcircuits LLC. CDK8307BILP64 Datasheet HTML 28Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
©2009 CADEKA Microcircuits LLC
www.cadeka.com
24
Data Sheet
The ADC channels have 13 bits of resolution. There are two options for the serial LVDS outputs, 12 bits or 14 bits, se-
lected by setting
lvds_num_bits to '0' or '1', respectively. In 12-bit mode, the LSB bit from the ADCs are removed in the
output stream. In 14-bit mode, a '0' is added in the LSB position. Power down mode must be activated after or during
a change in the number of output bits.
To ease timing in the receiver when using multiple ADC chips, the CDK8307 has the option to adjust the timing of the
output data and the frame clock. The propagation delay with respect to the ADC input clock can be moved one LVDS
clock cycle forward or backward, by using
lvds_advance and lvds_delay, respectively. See figure 8 for details. Note that
LCLK is not affected by
lvds_delay or lvds_advance settings.
Figure 8: LVDS Output Timing Adjustment
Table 15. Full Scale Control
Name
Description
Default
D
1
5
D
1
4
D
1
3
D
1
2
D
1
1
D
1
0
D
9
D
8
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
Address
In Hex
fs_cntrl<5:0>
Fine adjust ADC full scale range
0% change
X X X X X X
55
The full-scale voltage range of CDK8307 can be adjusted using an internal 6-bit DAC controlled by the
fs_cntrl register.
Changing the value in the register by one step, adjusts the full-scale range approximately 0.3%. This leads to a maximum
range of ±10% adjustment. Table 16 shows how the register settings correspond to the full-scale range. Note that the
values for full-scale range adjustment are approximate. The DAC is, however, guaranteed to be monotonous.
The full-scale control and the programmable gain features differ in two major ways:
1. The full-scale control feature controls the full-scale voltage range in an analog fashion, whereas the programmable
gain is a digital feature.
2. The programmable gain feature has much coarser gain steps and larger range than the full-scale control.
FCLKP
FCLKN
FCLKP
FCLKN
LCLKP
TLVDS
TLVDS
TLVDS
TPROP
TPROP
TPROP
default:
lvds_delay = ‘1’:
lvds_advance = ‘1’:
*LVDS output timing adjustment
LCLKN
Dxx<1:0>
FCLKP
FCLKN
Dxx<1:0>
Dxx<1:0>
D3
N-1
D4
N-1
D5
N-1
D6
N-1
D7
N-1
D8
N-1
D9
N-1
D10
N-1
D11
N-1
D0
N
D1
N
D2
N
D3
N
D4
N
D5
N
D6
N
D7
N
D8
N
D9
N
D2
N-1
D3
N-1
D4
N-1
D5
N-1
D6
N-1
D7
N-1
D8
N-1
D9
N-1
D10
N-1
D11
N-1
D0
N
D1
N
D2
N
D3
N
D4
N
D5
N
D6
N
D7
N
D8
N
D4
N-1
D5
N-1
D6
N-1
D7
N-1
D8
N-1
D9
N-1
D10
N-1
D11
N-1
D0
N
D1
N
D2
N
D3
N
D4
N
D5
N
D6
N
D7
N
D8
N
D9
N
D10
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com