Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDK8307CILP64 Datasheet(PDF) 7 Page - Cadeka Microcircuits LLC.

Part # CDK8307CILP64
Description  12/13-bit, 20/40/50/65/80MSPS, Eight Channel, Ultra Low Power ADC with LVDS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK8307CILP64 Datasheet(HTML) 7 Page - Cadeka Microcircuits LLC.

Back Button CDK8307CILP64 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 11Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
©2009 CADEKA Microcircuits LLC
www.cadeka.com
7
Data Sheet
Pin No.
Pin Name
Description
TQFP
1, 7, 14, 47, 54, 60, 63, 70
AVDD
Analog power supply, 1.8V
4, 8, 11, 50, 53, 57, 68, 73, 74,
79, 80
AVSS
Analog ground
2
IP1
Positive differential input signal, channel 1
3
IN1
Negative differential input signal, channel 1
5
IP2
Positive differential input signal, channel 2
6
IN2
Negative differential input signal, channel 2
9
IP3
Positive differential input signal, channel 3
10
IN3
Negative differential input signal, channel 3
12
IP4
Positive differential input signal, channel 4
13
IN4
Negative differential input signal, channel 4
48
IP5
Positive differential input signal, channel 5
49
IN5
Negative differential input signal, channel 5
51
IP6
Positive differential input signal, channel 6
52
IN6
Negative differential input signal, channel 6
55
IP7
Positive differential input signal, channel 7
56
IN7
Negative differential input signal, channel 7
58
IP8
Positive differential input signal, channel 8
59
IN8
Negative differential input signal, channel 8
15, 17, 18, 26, 36, 43, 44, 46
DVSS
Digital ground
25, 35
DVDD
Digital and I/O power supply, 1.8V
16
PD
Power-down input. Activate after applying power in order to initialize the
ADC correctly. Alternatively use the SPI power down feature.
19
LCKP
LVDS bit clock, positive output
20
LCKN
LVDS bit clock, negative output
21
D1P
LVDS channel 1, positive output
22
D1N
LVDS channel 1, negative output
23
D2P
LVDS channel 2, positive output
24
D2N
LVDS channel 2, negative output
27
D3P
LVDS channel 3, positive output
28
D3N
LVDS channel 3, negative output
29
D4P
LVDS channel 4, positive output
30
D4N
LVDS channel 4, negative output
31
D5P
LVDS channel 5, positive output
32
D5N
LVDS channel 5, negative output
33
D6P
LVDS channel 6, positive output
34
D6N
LVDS channel 6, negative output
37
D7P
LVDS channel 7, positive output
38
D7N
LVDS channel 7, negative output
39
D8P
LVDS channel 8, positive output
40
D8N
LVDS channel 8, negative output
Pin Assignments - TQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com