Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LDS3985M22R Datasheet(PDF) 6 Page - STMicroelectronics

Part # LDS3985M22R
Description  Ultra low drop-low noise BiCMOS 300 mA voltage regulator for use with very low ESR output capacitor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDS3985M22R Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LDS3985M22R Datasheet HTML 2Page - STMicroelectronics LDS3985M22R Datasheet HTML 3Page - STMicroelectronics LDS3985M22R Datasheet HTML 4Page - STMicroelectronics LDS3985M22R Datasheet HTML 5Page - STMicroelectronics LDS3985M22R Datasheet HTML 6Page - STMicroelectronics LDS3985M22R Datasheet HTML 7Page - STMicroelectronics LDS3985M22R Datasheet HTML 8Page - STMicroelectronics LDS3985M22R Datasheet HTML 9Page - STMicroelectronics LDS3985M22R Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Maximum ratings
LDS3985xx
6/20
Doc ID 11039 Rev 7
4
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these condition is not implied.
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VI
DC input voltage
-0.3 to 6 (1)
1.
The input pin is able to withstand non repetitive spike of 6.5 V for 200 ms.
V
VO
DC output voltage
-0.3 to VI+0.3
V
VINH
INHIBIT input voltage
-0.3 to VI+0.3
V
IO
Output current
Internally limited
PD
Power dissipation
Internally limited
TSTG
Storage temperature range
-65 to 150
°C
TOP
Operating junction temperature range
-40 to 125
°C
Table 4.
Thermal data
Symbol
Parameter
SOT23-5L
DFN6
Unit
RthJC
Thermal resistance junction-case
81
10
°C/W
RthJA
Thermal resistance junction-ambient
255
55
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com