Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LDS3985M22R Datasheet(PDF) 8 Page - STMicroelectronics

Part # LDS3985M22R
Description  Ultra low drop-low noise BiCMOS 300 mA voltage regulator for use with very low ESR output capacitor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDS3985M22R Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LDS3985M22R Datasheet HTML 4Page - STMicroelectronics LDS3985M22R Datasheet HTML 5Page - STMicroelectronics LDS3985M22R Datasheet HTML 6Page - STMicroelectronics LDS3985M22R Datasheet HTML 7Page - STMicroelectronics LDS3985M22R Datasheet HTML 8Page - STMicroelectronics LDS3985M22R Datasheet HTML 9Page - STMicroelectronics LDS3985M22R Datasheet HTML 10Page - STMicroelectronics LDS3985M22R Datasheet HTML 11Page - STMicroelectronics LDS3985M22R Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Electrical characteristics
LDS3985xx
8/20
Doc ID 11039 Rev 7
VINH
Inhibit input logic Low
VI = 2.5 V to 6 V, TJ= - 40 to 125 °C
0.4
V
Inhibit input logic High
1.4
IINH
Inhibit input current
VINH = 0.4 V, VI = 6 V
±1
nA
eN
Output noise voltage
BW = 10 Hz to 100 kHz, CO = 2.2 µF
30
µVRMS
tON
Turn On time (4)
CBYP = 33 nF
240
µs
TSHDN Thermal shutdown
(5)
160
°C
CO
Output capacitor
Capacitance
2.2
22
µF
ESR
5
5000
m
Ω
1.
For VO(NOM) < 2 V, VI = 2.5 V
2.
For VO(NOM) = 1.25 V, VI = 2.5 V
3.
Dropout voltage is the input-to-output voltage difference at which the output voltage is 100 mV below its nominal value. This
specification does not apply for input voltages below 2.5 V
4.
Turn-on time is time measured between the enable input just exceeding VINH high value and the output voltage just
reaching 95 % of its nominal value
5.
Typical thermal protection hysteresis is 20 °C
Table 5.
Electrical characteristics for LDS3985xx (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com