Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST1L02PUR Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST1L02PUR
Description  Very low quiescent BiCMOS voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1L02PUR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST1L02PUR Datasheet HTML 5Page - STMicroelectronics ST1L02PUR Datasheet HTML 6Page - STMicroelectronics ST1L02PUR Datasheet HTML 7Page - STMicroelectronics ST1L02PUR Datasheet HTML 8Page - STMicroelectronics ST1L02PUR Datasheet HTML 9Page - STMicroelectronics ST1L02PUR Datasheet HTML 10Page - STMicroelectronics ST1L02PUR Datasheet HTML 11Page - STMicroelectronics ST1L02PUR Datasheet HTML 12Page - STMicroelectronics ST1L02PUR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
ST1L02xx
Typical application
9/19
5
Typical application
Note:
The regulator is designed to be stable with either tantalum and ceramic capacitors on the
input and the output. The expected values of the input and output ceramic capacitors are
from 1 µF to 22 µF with 4.7 µF typical. The input capacitor must be connected within 0.5
inches of the VI terminal. The output capacitor must also be connected within 0.5 inches of
output pin. There is no upper limit to the value of the input capacitor.
Figure 3.
Application schematic for ST1L02PM
Figure 4.
Application schematic for ST1L02PMxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com