Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST1L02PUR Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST1L02PUR
Description  Very low quiescent BiCMOS voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1L02PUR Datasheet(HTML) 5 Page - STMicroelectronics

  ST1L02PUR Datasheet HTML 1Page - STMicroelectronics ST1L02PUR Datasheet HTML 2Page - STMicroelectronics ST1L02PUR Datasheet HTML 3Page - STMicroelectronics ST1L02PUR Datasheet HTML 4Page - STMicroelectronics ST1L02PUR Datasheet HTML 5Page - STMicroelectronics ST1L02PUR Datasheet HTML 6Page - STMicroelectronics ST1L02PUR Datasheet HTML 7Page - STMicroelectronics ST1L02PUR Datasheet HTML 8Page - STMicroelectronics ST1L02PUR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
ST1L02xx
Maximum ratings
5/19
3
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these condition is not implied.
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VI
DC supply voltage
10
V
PTOT
Power dissipation
internally limited
W
IO
Output current
internally limited
A
TOP
Operating junction temperature range
0 to 150
°C
TSTG
Storage temperature range (1)
1.
Storage temperature >125 °C are acceptable only if the regulator is soldered to a PCBA.
-65 to 150
°C
TLEAD
Lead temperature (Soldering) 10 Sec.
260
°C
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance junction-case
10
°C/W
RthJA
Thermal resistance junction-ambient
55
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com