Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6730 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6730
Description  Adjustable step-down controller with synchronous rectification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6730_09 Datasheet HTML 12Page - STMicroelectronics L6730_09 Datasheet HTML 13Page - STMicroelectronics L6730_09 Datasheet HTML 14Page - STMicroelectronics L6730_09 Datasheet HTML 15Page - STMicroelectronics L6730_09 Datasheet HTML 16Page - STMicroelectronics L6730_09 Datasheet HTML 17Page - STMicroelectronics L6730_09 Datasheet HTML 18Page - STMicroelectronics L6730_09 Datasheet HTML 19Page - STMicroelectronics L6730_09 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
Device description
L6730 - L6730B
16/52
Doc ID 11938 Rev 3
5.4
Internal and external references
It is possible to set two internal references, 0.6 V and 1.2 V, or provide an external reference
from 0 V to 2.5 V. The maximum value of the external reference depends on the VCC: with
VCC = 4 V the clamp operates at about 2 V (typ.), while with VCC greater than 5 V the
maximum external reference is 2.5 V (typ).
●
VEAREF from 0% to 80% of VCCDR −> External reference
●
VEAREF from 80% to 95% of VCCDR −> VREF = 1.2 V
●
VEAREF from 95% to 100% of VCCDR −> VREF = 0.6 V
Providing an external reference from 0V to 450 mV the output voltage will be regulated but
some restrictions must be considered:
●
The minimum OVP threshold is set at 300 mV.
●
The under-voltage-protection doesn’t work.
●
The PGOOD signal remains low.
To set the resistor divider it must be considered that a 100 k
Ω pull-down resistor is
integrated into the device (see Figure 7.). Finally it must be taken into account that the
voltage at the EAREF pin is captured by the device at the start-up when Vcc is about 4 V.
Figure 6.
Bypassing the LDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com