Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6730 Datasheet(PDF) 43 Page - STMicroelectronics

Part # L6730
Description  Adjustable step-down controller with synchronous rectification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button L6730_09 Datasheet HTML 39Page - STMicroelectronics L6730_09 Datasheet HTML 40Page - STMicroelectronics L6730_09 Datasheet HTML 41Page - STMicroelectronics L6730_09 Datasheet HTML 42Page - STMicroelectronics L6730_09 Datasheet HTML 43Page - STMicroelectronics L6730_09 Datasheet HTML 44Page - STMicroelectronics L6730_09 Datasheet HTML 45Page - STMicroelectronics L6730_09 Datasheet HTML 46Page - STMicroelectronics L6730_09 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
L6730 - L6730B
I/O Description
Doc ID 11938 Rev 3
43/52
8
I/O Description
Figure 38.
Demonstration board
Table 11.
I/O functions
Symbol
Function
Input (Vin-Gin)
The input voltage can range from 1.8V to 14V. If the input voltage is between
4.5V and 14V it can supply also the device (through the VCC pin) and in this
case the pin 1 and 2 of the jumper G1 must be connected together.
Output (VOUT-GOUT)
The output voltage is fixed at 3.3V but it can be changed by replacing the
resistor R14 of the output resistor divider:
The over-current-protection limit is set at 15A but it can be changed by
replacing the resistors R1 and R12 (see OCL and OCH pin in Table 4: Pin
connection).
VCC-GNDCC
Using the input voltage to supply the controller no power is required at this
input. However the controller can be supplied separately from the power stage
through the VCC input (4.5-14V) and, in this case, jumper G1 must be left
open.
VCCDR
An internal LDO provides the power into the device. The input of this stage is
the VCC pin and the output (5V) is the VCCDR pin. The LDO can be bypassed,
providing directly a 5V voltage from VCCDR and Gndcc. In this case the pins 1
and 3 of the jumper G1 must be shorted.
TP1
This pin can be used as an input or as a test point. If all the jumper G2 pins are
shorted, TP1 can be used as a test point of the voltage at the EAREF pin. If
the pins 2 and 3 of G2 are connected together, TP1 can be used as an input to
provide an external reference for the internal error amplifier (see section 4.3.
Internal and external references).
)
1
(
14
16
R
R
V
Vo
REF
+
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com