Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9803 Datasheet(PDF) 67 Page - STMicroelectronics

Part # L9803
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9803 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button L9803 Datasheet HTML 63Page - STMicroelectronics L9803 Datasheet HTML 64Page - STMicroelectronics L9803 Datasheet HTML 65Page - STMicroelectronics L9803 Datasheet HTML 66Page - STMicroelectronics L9803 Datasheet HTML 67Page - STMicroelectronics L9803 Datasheet HTML 68Page - STMicroelectronics L9803 Datasheet HTML 69Page - STMicroelectronics L9803 Datasheet HTML 70Page - STMicroelectronics L9803 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 126 page
background image
L9803
On-Chip Peripherals
67/126
5.4
PWM I/O
5.4.1
Introduction
The PWM I/O interface is a circuit able to connect internal logic circuits with external high
voltage lines.
The two interfaces represent respectively the receiver and the transmitter section of a
standard IS0 9141 transceiver.
Connecting PWMO and PWMI together a standard K bus (ISO 9141) can be realized.
Voltage thresholds are referred to the battery voltage connected to VBR pin. This pin must
be used as reference for the K bus. Voltage drops between this pin and the battery line can
cause thresholds mismatch between the L9803 ISO trasceiver and the counterpart
trasceiver(s) connected to the same bus line.
See Figure 32 for a block diagram description of the two interfaces.
Figure 32.
PWM I/O Block Diagram
5.4.2
PWMO
PWMO is an output line, directly driven by the PWM2 output signal. The circuit translates
the logic levels of PWM2 output to voltage levels referred to the VB supply (see Figure 32).
When PWM2=0 the open drain is switched off, in the other case the PWMO line is pulled
down by the open drain driver.
PWMO is protected against short circuit to battery by a dedicated circuit that limits the
current sunk by the output transistor. When the limiter is activated the voltage on PWMO pin
rises up. If the limiter remains active for more than 25µs the driver is switched off.
If the battery or ground connection are lost, the PWMO line shows a controlled impedance
characteristic (see Figure 33).
PWM0 is high at NRESET is asserted.
VDD
PWMO
VDD
TIMER CAPTURE INPUT
PWM2 OUTPUT
PB2 REGISTER BIT
-
+
PWMI
VBR
Battery
K bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com