Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9803 Datasheet(PDF) 92 Page - STMicroelectronics

Part # L9803
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9803 Datasheet(HTML) 92 Page - STMicroelectronics

Back Button L9803 Datasheet HTML 88Page - STMicroelectronics L9803 Datasheet HTML 89Page - STMicroelectronics L9803 Datasheet HTML 90Page - STMicroelectronics L9803 Datasheet HTML 91Page - STMicroelectronics L9803 Datasheet HTML 92Page - STMicroelectronics L9803 Datasheet HTML 93Page - STMicroelectronics L9803 Datasheet HTML 94Page - STMicroelectronics L9803 Datasheet HTML 95Page - STMicroelectronics L9803 Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 126 page
background image
On-Chip Peripherals
L9803
92/126
5.7
CAN BUS TRANSCEIVER
5.7.1
Introduction
The CAN bus transceiver allows the connection of the microcontroller, with CAN controller
unit, to a CAN bus. The transmitter section drives the CAN bus while the receiver section
senses the data on the bus.
The CAN transceiver meets ISO/DIS 11898 up to 1 MBaud.
5.7.2
Main Features
TRANSMITTER:
Generation of differential Output signals
Short Circuit protection from transients in automotive environment
Slope control to reduce RFI and EMI
High speed (up to 1Mbaud)
If un-powered, L9803 CAN node does not disturb the bus lines (the transceiver is in
recessive state).
RECEIVER:
Differential input with high interference suppression
Common mode input voltage range (VCOM) from -5 to 12V
61
0
CANLIDLR
Reset Value
LID2
x
LID1
x
LID0
x
LRTR
x
LDLC3
x
LDLC2
x
LDLC1
x
LDLC0
x
1 to 3
CANIDLRx
Reset Value
ID2
x
ID1
x
ID0
x
RTR
x
DLC3
x
DLC2
x
DLC1
x
DLC0
x
61, 65
4
CANFLRx
Reset Value
FIL3
x
FIL2
x
FIL1
x
FIL0
x
0
000
62 to 69
1 to 3
CANDRx
Reset Value
MSB
xx
x
x
x
x
x
LSB
x
62, 66
4
CANMHRx
Reset Value
MSK11
x
MSK10
x
MSK9
x
MSK8
x
MSK7
x
MSK6
x
MSK5
x
MSK4
x
63, 67
4
CANMLRx
Reset Value
MSK3
x
MSK2
x
MSK1
x
MSK0
x
0
000
6E
0
CANTECR
Reset Value
MSB
00
0
0
0
0
0
LSB
0
6F
CANRECR
Reset Value
MSB
00
0
0
0
0
0
LSB
0
1 to 3
CANBCSRx
Reset Value
0
0
0
0
ACC
0
RDY
0
BUSY
0
LOCK
0
Table 13.
CAN Register Map and Reset Values (continued)
Address
(Hex.)
Page
Register
Label
7
6
5
4
3
210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com