Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F276Z5 Datasheet(PDF) 135 Page - STMicroelectronics

Part # ST10F276Z5
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 Datasheet(HTML) 135 Page - STMicroelectronics

Back Button ST10F276Z5 Datasheet HTML 131Page - STMicroelectronics ST10F276Z5 Datasheet HTML 132Page - STMicroelectronics ST10F276Z5 Datasheet HTML 133Page - STMicroelectronics ST10F276Z5 Datasheet HTML 134Page - STMicroelectronics ST10F276Z5 Datasheet HTML 135Page - STMicroelectronics ST10F276Z5 Datasheet HTML 136Page - STMicroelectronics ST10F276Z5 Datasheet HTML 137Page - STMicroelectronics ST10F276Z5 Datasheet HTML 138Page - STMicroelectronics ST10F276Z5 Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 239 page
background image
ST10F276Z5
Power reduction modes
135/239
Warning:
During power-off phase, it is important that the external
hardware maintains a stable ground level on RSTIN pin,
without any glitch, in order to avoid spurious exiting from
reset status with unstable power supply.
20.3.2
Exiting Standby mode
After the system has entered the Standby mode, the procedure to exit this mode consists of
a standard Power-on sequence, with the only difference that the RAM is already powered
through V18SB internal reference (derived from VSTBY pin external voltage).
It is recommended to held the device under RESET (RSTIN pin forced low) until external
VDD voltage pin is stable. Even though, at the very beginning of the power-on phase, the
device is maintained under reset by the internal low voltage detector circuit (implemented
inside the main voltage regulator) till the internal V18 becomes higher than about 1.0 V,
there is no warranty that the device stays under reset status if RSTIN is at high level
during power ramp up. So, it is important the external hardware is able to guarantee a
stable ground level on RSTIN along the power-on phase, without any temporary
glitch.
The external hardware shall be responsible to drive low the RSTIN pin until the VDD is
stable, even though the internal LVD is active.
Once the internal Reset signal goes low, the RAM (still frozen) power supply is switched to
the main V18.
At this time, everything becomes stable, and the execution of the initialization routines can
start: XRAM2EN bit can be set, enabling the RAM.
20.3.3
Real-time clock and Standby mode
When Standby mode is entered (turning off the main supply VDD), the real-time clock
counting can be maintained running in case the on-chip 32 kHz oscillator is used to provide
the reference to the counter. This is not possible if the main oscillator is used as reference
for the counter: Being the main oscillator powered by VDD, once this is switched off, the
oscillator is stopped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com