Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX5902LCEUT Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5902LCEUT
Description  72V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5902LCEUT Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5902LCEUT Datasheet HTML 1Page - Maxim Integrated Products MAX5902LCEUT Datasheet HTML 2Page - Maxim Integrated Products MAX5902LCEUT Datasheet HTML 3Page - Maxim Integrated Products MAX5902LCEUT Datasheet HTML 4Page - Maxim Integrated Products MAX5902LCEUT Datasheet HTML 5Page - Maxim Integrated Products MAX5902LCEUT Datasheet HTML 6Page - Maxim Integrated Products MAX5902LCEUT Datasheet HTML 7Page - Maxim Integrated Products MAX5902LCEUT Datasheet HTML 8Page - Maxim Integrated Products MAX5902LCEUT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
+72V, SOT23/TDFN, Simple Swapper Hot-Swap
Controllers
_______________________________________________________________________________________
3
Note 1: All currents into device pins are positive, all currents out of device pins are negative, and all voltages are referenced to
GND, unless otherwise noted.
Note 2: All specifications are 100% tested at TA = +25°C, unless otherwise noted. Specifications over -40°C to +85°C are guaran-
teed by characterization.
Note 3: This is the delay time from a valid on condition until VGS begins rising. Valid on conditions are: the device is not in undervolt-
age lockout; ON/OFF is not driven low; and the device is not in thermal shutdown.
Note 4: This is the delay from a valid low on ON/OFF until VGS falls. Pulses on ON/OFF less than tOFF are ignored, offering glitch
immunity.
Note 5: Guaranteed by characterization, not production tested. CGATE is a capacitor from GATE to VS.
ELECTRICAL CHARACTERISTICS (continued)
(VS = +9V to +72V, GND = 0V, ON/OFF open circuit, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VS = +48V
and TA = +25°C.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Power-Good Output Open-Drain
Leakage Current
IOH
V PGOOD = 72V (MAX5902)
V PGOOD = 72V (MAX5903)
10
µA
Thermal Shutdown Temperature
TSD
Junction temperature
+125
°C
Thermal Shutdown Hysteresis
THY
15
°C
Typical Operating Characteristics
(VS = +48V, GND = 0V, and TA = +25°C, unless otherwise noted. See Figure 2 for test circuits.)
0.7
0.8
1.0
0.9
1.1
1.2
030
15
45
60
75
SUPPLY CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
0.7
0.8
1.0
0.9
1.1
1.2
-40
10
-15
35
60
85
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
VIN = +70V
VIN = +48V
VIN = +12V
25
28
27
26
29
30
31
32
33
34
35
-40
10
-15
356085
VUVLO THRESHOLD
vs. TEMPERATURE
TEMPERATURE (°C)
INCREASING VIN
DECREASING VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com