Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX5902LCEUT Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5902LCEUT
Description  72V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5902LCEUT Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5902LCEUT Datasheet HTML 2Page - Maxim Integrated Products MAX5902LCEUT Datasheet HTML 3Page - Maxim Integrated Products MAX5902LCEUT Datasheet HTML 4Page - Maxim Integrated Products MAX5902LCEUT Datasheet HTML 5Page - Maxim Integrated Products MAX5902LCEUT Datasheet HTML 6Page - Maxim Integrated Products MAX5902LCEUT Datasheet HTML 7Page - Maxim Integrated Products MAX5902LCEUT Datasheet HTML 8Page - Maxim Integrated Products MAX5902LCEUT Datasheet HTML 9Page - Maxim Integrated Products MAX5902LCEUT Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
+72V, SOT23/TDFN, Simple Swapper Hot-Swap
Controllers
6
_______________________________________________________________________________________
MAX5902L/MAX5903L turn off the MOSFET, discon-
necting the load immediately. If no circuit-breaker fault
exists, the MAX5902/MAX5903 assert the power-good
output. Then, if any of four conditions exist, the power-
good output deasserts and the MAX5902/MAX5903
turn off the MOSFET. The four conditions are: the volt-
age across the MOSFET exceeds the circuit-breaker
threshold; the supply voltage falls below the undervolt-
age lockout level; the die temperature exceeds
+125°C; or ON/OFF is forced low. After a circuit-break-
er fault, the MAX5902L/MAX5903L keep the MOSFET
off until the power is cycled, or the part is reset by tog-
gling ON/OFF low for 10ms (typ). After a circuit-breaker
fault, the MAX5902A/MAX5903A automatically restarts
in 150ms (typ). All versions automatically restart after a
thermal fault, or an undervoltage shutdown, if the fault
condition goes away for at least 150ms (typ).
ON/OFF offers external control of the MAX5902/
MAX5903, facilitating power-supply sequencing, and
may also be used to change the undervoltage lockout
(UVL) level. UVLO keeps the external MOSFET
switched off as long as the input voltage is below the
desired level.
A power-good output, PGOOD (MAX5902) or PGOOD
(MAX5903), asserts when the external MOSFET is fully
enhanced and the source-drain voltage is below the
circuit-breaker threshold. PGOOD and PGOOD are
open-drain outputs referenced to GND, and can with-
stand up to +72V.
GND
GATE
DRAIN
VS
50kΩ
50Ω
50kΩ
50kΩ
MAX5902
ON/OFF
PGOOD
V
I
VIN
GND
GATE
DRAIN
VS
MAX5902
ON/OFF
PGOOD
V
V
VIN
GND
GATE
DRAIN
VS
MAX5902
ON/OFF
PGOOD
V
V
VIN
0 TO 0.5V
GND
GATE
DRAIN
VS
MAX5902A
ON/OFF
PGOOD
SCOPE
SCOPE
48V
CL
RL
GND
GATE
DRAIN
IRFR5410
VS
MAX5902
ON/OFF
PGOOD
SCOPE
SCOPE
SCOPE
SCOPE
48V
GND
GATE
DRAIN
VS
MAX5902
ON/OFF
PGOOD
SCOPE
SCOPE
SCOPE
48V
(a) SUPPLY CURRENT
(d) RETRY TIMEOUT
(d) STARTUP WAVEFORMS
(d) CIRCUIT-BREAKER EVENT
(b) VUVLO
(b) GATE DRIVE VOLTAGE
Figure 2. Test Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com